Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3460 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3460
Description  1.3MHz Step-Up DC/DC Converter in SC70 and ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3460 Datasheet(HTML) 2 Page - Linear Technology

  LT3460 Datasheet HTML 1Page - Linear Technology LT3460 Datasheet HTML 2Page - Linear Technology LT3460 Datasheet HTML 3Page - Linear Technology LT3460 Datasheet HTML 4Page - Linear Technology LT3460 Datasheet HTML 5Page - Linear Technology LT3460 Datasheet HTML 6Page - Linear Technology LT3460 Datasheet HTML 7Page - Linear Technology LT3460 Datasheet HTML 8Page - Linear Technology LT3460 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT3460
2
3460f
Input Voltage (VIN) .................................................. 16V
SW Voltage .............................................................. 38V
FB Voltage ................................................................. 5V
SHDN Voltage .......................................................... 16V
ORDER PART
NUMBER
SC6 PART MARKING
TJMAX = 125°C, θJA = 400°C/W IN FREE AIR
θJA = 270°C/W ON BOARD OVER GROUND
PLANE
LAAF
LT3460ESC6
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 3V, VSHDN = 3V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
2.5
V
Maximum Operating Voltage
16
V
Feedback Voltage
1.235
1.255
1.275
V
q
1.225
1.280
V
Feedback Line Regulation
2.5V < VIN < 16V
0.015
%/V
FB Pin Bias Current
q
525
80
nA
Supply Current
2.0
3.0
mA
SHDN = 0V
0.1
0.5
µA
Switching Frequency
1.0
1.3
1.7
MHz
Maximum Duty Cycle
85
90
%
Switch Current Limit
300
420
600
mA
Switch VCESAT
ISW = 250mA
320
450
mV
Switch Leakage Current
VSW = 5V
0.01
1
µA
SHDN Voltage High
1.5
V
SHDN Voltage Low
0.4
V
SHDN Pin Bias Current
40
µA
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Operating Ambient
Temperature Range (Note 2) .................. – 40
°C to 85°C
Maximum Junction Temperature .......................... 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
S5 PART MARKING
LTB1
LT3460ES5
TJMAX = 125°C, θJA = 256°C/W IN FREE AIR
θJA = 120°C ON BOARD OVER
GROUND PLANE
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT3460E is guaranteed to meet specifications from 0
°C to
70
°C. Specifications over the –40°C to 85°C operating temperature range
are assured by design, characterization and correlation with statistical
process controls.
5 VIN
4 SHDN
SW 1
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
GND 2
FB 3
6 VIN
5 GND
4 SHDN
SW 1
TOP VIEW
SC6 PACKAGE
6-LEAD PLASTIC SC70
GND 2
FB 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com