Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9627 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS9627
Description  Dual Line Receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS9627 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS9627 Datasheet HTML 1Page - National Semiconductor (TI) DS9627 Datasheet HTML 2Page - National Semiconductor (TI) DS9627 Datasheet HTML 3Page - National Semiconductor (TI) DS9627 Datasheet HTML 4Page - National Semiconductor (TI) DS9627 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
−65˚C to +175˚C
Operating Temperature Range
−55˚C to +125˚C
Lead Temperature (Soldering, 60 sec.)
300˚C
Internal Power Dissipation (Note 5)
400 mW
V
+ to GND
0V to +15V
V
− to GND
0V to −15V
Input Voltage Referred to GND
±25V
Strobe to GND
−0.5V to +5.5V
Applied Output Voltage
−0.5V to +15V
Operating Conditions
Min
Max
Units
Supply Voltage (V
CC)
4.5
5.5
V
Temperature (T
A)
−55
+125
˚C
Electrical Characteristics (Notes 2, 3)
Hysteresis, −IN A, −IN B, RA and RB Open for MIL-STD-188C, unless otherwise specified
Symbol
Characteristics
Conditions
Min
Max
Units
V
OL
Output Voltage LOW
V
+ = 10.8V, V− = −13.2V,
0.4
V
V
I
+ = 0.6V, I
OL = 6.4 mA
V
OH
Output Voltage HIGH
V
+ = 10.8V, V− = −13.2V,
2.4
V
V
I
+ = 0.6V, I
OH = −0.5 mA
I
OS
Output Short Circuit
V+ = 13.2V, V
− = −10.8V,
−3.0
mA
Current (Note 4)
V
I+ = 0.6V, VO = 0V
I
IH(ST)
Input Current HIGH
V
+ = 10.8V,
V
ST = 2.4V
40
µA
(Strobe)
V
− = −13.2V, V
I
+ = 0.6V
V
ST = 5.5V
1.0
mA
R
I
Input Resistance
V
+ = 13.2V, V− = −13.2V,
6.0
k
Ω
−3.0V
≤ V
I
+
≤ 3.0V
I
TH+
Positive Threshold Current
±10.8V
≤ V
CC ≤ ±13.2V,
100
µA
V
O = 2.4V
I
TH
−
Negative Threshold Current
±10.8V
≤ V
CC ≤ ±13.2V,
−100
µA
V
O = 0.4V
V
IL(ST)
Input Voltage LOW (Strobe)
V
I
+ = −0.6V
0.8
V
V
IH(ST)
Input Voltage HIGH (Strobe)
V
+ = 13.2V, V− = −10.8V,
2.0
V
V
I
+ = −0.6V
I
+
Positive Supply Current
±10.8V
≤ V
CC ≤ ±13.2V
18
mA
V
I
+ = −0.6V
I
−
Negative Supply Current
±10.8V
≤ V
CC ≤ ±13.2V
−16
mA
V
I
+ = 0.6V
Electrical Characteristics
+IN A and −IN B connected to ground, RA and RB connected to −IN A and −IN B and Hysteresis connected to V
− for
RS-232C, unless otherwise specified
Symbol
Characteristics
Conditions
Min
Max
Units
R
I
Input Resistance
3.0V
≤ V
I ≤ 25V
3.0
7.0
k
Ω
−3.0V
≤ V
I ≤ −25V
3.0
7.0
k
Ω
V
I
Input Voltage
−2.0
2.0
V
V
TH+
Positive Threshold Voltage
3.0
V
V
TH−
Negative Threshold Voltage
−3.0
V
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The tables of “Electrical Characteristics” provide conditions for actual device operation.
Note 2: Unless otherwise specified Min/Max limits apply across the −55˚C to +125˚C temperature range.
Note 3: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to ground unless otherwise specified.
Note 4: Only one output at a time should be shorted.
Note 5: Rating applies to ambient temperatures up to +125˚C. Above 125˚C ambient, derate linearity at 120˚C/W.
www.national.com
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com