Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AF031A Datasheet(PDF) 11 Page - STMicroelectronics

Part # M68AF031A
Description  256 Kbit (32K x 8) 5.0V Asynchronous SRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AF031A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M68AF031A Datasheet HTML 7Page - STMicroelectronics M68AF031A Datasheet HTML 8Page - STMicroelectronics M68AF031A Datasheet HTML 9Page - STMicroelectronics M68AF031A Datasheet HTML 10Page - STMicroelectronics M68AF031A Datasheet HTML 11Page - STMicroelectronics M68AF031A Datasheet HTML 12Page - STMicroelectronics M68AF031A Datasheet HTML 13Page - STMicroelectronics M68AF031A Datasheet HTML 14Page - STMicroelectronics M68AF031A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11/22
M68AF031A
Figure 11. Chip Enable or Output Enable Controlled, Read Mode AC Waveforms.
Note: Write Enable (W) = High.
Figure 12. Chip Enable Controlled, Standby Mode AC Waveforms
AI05940
tAVAV
tAVQV
tAXQX
tELQV
tELQX
tEHQZ
tGLQV
tGLQX
tGHQZ
VALID
A0-A14
E
G
DQ0-DQ7
VALID
AI05956
tPD
ICC
tPU
ISB
50%
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com