Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1090 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SB1090
Description  isc Product Specification
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB1090 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SB1090 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB1090 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
DESCRIPTION
·
High Collector Current:: IC= -4A
·
Low Collector Saturation Voltage
: VCE(sat)= -1.5V(Max)@IC= -3A
·
Complement to Type 2SD1568
APPLICATIONS
·
Designed for power supplies or a variety of drives in audio
and other equipment.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-100
V
VCEO
Collector-Emitter Voltage
-100
V
VEBO
Emitter-Base Voltage
-7
V
IC
Collector Current-Continuous
-4
A
IB
Base Current-Continuous
-0.8
A
PC
Total Power Dissipation
@ Ta=25℃
1.3
W
Total Power Dissipation
@ TC=25℃
40
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - 2SB1090

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2SB1090 NJSEMI-2SB1090 Datasheet
125Kb / 2P
Silicon PNP Power Transistor
More results

Similar Description - 2SB1090

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D10040200GT ETC1-D10040200GT Datasheet
126Kb / 4P
Product Specification
logo
GOOD-ARK Electronics
SMBRB3045S GOOD-ARK-SMBRB3045S_15 Datasheet
600Kb / 7P
Product Specification
MUR1020 GOOD-ARK-MUR1020 Datasheet
330Kb / 7P
Product Specification
MUR2040FCT GOOD-ARK-MUR2040FCT Datasheet
453Kb / 7P
Product Specification
MBRF20150CT GOOD-ARK-MBRF20150CT Datasheet
327Kb / 6P
Product Specification
MBRF10200CT GOOD-ARK-MBRF10200CT Datasheet
340Kb / 6P
Product Specification
MBR1060 GOOD-ARK-MBR1060 Datasheet
348Kb / 7P
Product Specification
MURB1060CT GOOD-ARK-MURB1060CT Datasheet
517Kb / 7P
Product Specification
MBR860 GOOD-ARK-MBR860 Datasheet
348Kb / 7P
Product Specification
logo
Tontek Design Technolog...
TT6061BB TONTEK-TT6061BB Datasheet
64Kb / 5P
PRODUCT SPECIFICATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com