Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9627MJ/883 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS9627MJ/883
Description  Dual Line Receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS9627MJ/883 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS9627MJ/883 Datasheet HTML 1Page - National Semiconductor (TI) DS9627MJ/883 Datasheet HTML 2Page - National Semiconductor (TI) DS9627MJ/883 Datasheet HTML 3Page - National Semiconductor (TI) DS9627MJ/883 Datasheet HTML 4Page - National Semiconductor (TI) DS9627MJ/883 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DS9627
Dual Line Receiver
General Description
The DS9627 is a dual-line receiver which meets the electri-
cal
interface
specifications
of
EIA
RS-232C
and
MIL-STD-188C. The input circuitry accommodates ±25V in-
put signals and the differential inputs allow user selection of
either inverting or non-inverting logic for the receiver opera-
tion. The DS9627 provides both a selectable hysteresis
range and selectable receiver input resistance. When pin 1
is tied to V
−, the typical switching points are at 2.6V and
−2.6V, thus meeting RS-232-C requirements. When pin 1 is
open, the typical switching points are at 50 µA and −50 µA,
thus satisfying the requirements of MIL-STD-188C LOW
level interface. Connecting the RA and/or RB pins to the (−)
input yields an input impedance in the range of 3 k
Ω to 7 kΩ
and satisfies RS-232-C requirements; leaving RA and/or RB
pins unconnected, the input resistance will be greater than
6k
Ω to satisfy MIL-STD-188C.
The output circuitry is TTL/DTL compatible and will allow
“collector-dotting” to generate the wired-OR function. A TTL/
DTL strobe is also provided for each receiver.
Features
n EIA RS-232-C input standards
n MIL-STD-188C input standards
n Variable hysteresis control
n High common mode rejection
n R control (5 k
Ω or 10 kΩ)
n Wired-OR capability
n Choice of inverting and non-inverting inputs
n Outputs and strobe TTL compatible
Connection Diagram
16-Lead DIP
DS009761-1
Top View
Order Number DS9627MJ/883
See NS Package Number J16A
For Complete Military 883 Specifications, see RETS Data Sheet.
February 1996
© 1999 National Semiconductor Corporation
DS009761
www.national.com


Similar Part No. - DS9627MJ/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS9622 NSC-DS9622 Datasheet
199Kb / 7P
Dual Line Receiver
DS9622ME/883 NSC-DS9622ME/883 Datasheet
199Kb / 7P
Dual Line Receiver
DS9622MJ/883 NSC-DS9622MJ/883 Datasheet
199Kb / 7P
Dual Line Receiver
DS9622MW/883 NSC-DS9622MW/883 Datasheet
199Kb / 7P
Dual Line Receiver
More results

Similar Description - DS9627MJ/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75107 NSC-DS75107 Datasheet
227Kb / 9P
Dual Line Receiver
DS7820A NSC-DS7820A Datasheet
250Kb / 8P
Dual Line Receiver
DS9622 NSC-DS9622 Datasheet
199Kb / 7P
Dual Line Receiver
logo
Texas Instruments
SN75140 TI-SN75140 Datasheet
143Kb / 9P
DUAL LINE RECEIVER
UA9639C TI-UA9639C Datasheet
101Kb / 7P
DUAL DIFFERENTIAL LINE RECEIVER
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
Texas Instruments
SN74LS2323 TI-SN74LS2323 Datasheet
311Kb / 9P
DUAL LINE RECEIVER
DS7820A TI1-DS7820A_11 Datasheet
293Kb / 10P
Dual Line Receiver
SN75140 TI1-SN75140_14 Datasheet
718Kb / 18P
DUAL LINE RECEIVER
logo
National Semiconductor ...
DS7820 NSC-DS7820 Datasheet
123Kb / 6P
Dual Line Receiver
February 1996
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com