Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC37100 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC37100
Description  1A LOW VOLTAGE U CAP LDO REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37100 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC37100 Datasheet HTML 1Page - Micrel Semiconductor MIC37100 Datasheet HTML 2Page - Micrel Semiconductor MIC37100 Datasheet HTML 3Page - Micrel Semiconductor MIC37100 Datasheet HTML 4Page - Micrel Semiconductor MIC37100 Datasheet HTML 5Page - Micrel Semiconductor MIC37100 Datasheet HTML 6Page - Micrel Semiconductor MIC37100 Datasheet HTML 7Page - Micrel Semiconductor MIC37100 Datasheet HTML 8Page - Micrel Semiconductor MIC37100 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MIC37100/37101/37102
Micrel
M9999-091604
2
September 2004
Ordering Information
Part Number
Voltage
Junction Temp. Range
Package
MIC37100-1.5BS
1.5V
–40
°C to +125°C
SOT-223
MIC37100-1.65BS
1.65V
–40
°C to +125°C
SOT-223
MIC37100-1.8BS
1.8V
–40
°C to +125°C
SOT-223
MIC37100-2.5BS
2.5V
–40
°C to +125°C
SOT-223
MIC37100-3.3BS
3.3V
–40
°C to +125°C
SOT-223
MIC37101-1.5BM
1.5V
–40
°C to +125°C
SOIC-8
MIC37101-1.65BM
1.65V
–40
°C to +125°C
SOIC-8
MIC37101-1.8BM
1.8V
–40
°C to +125°C
SOIC-8
MIC37101-2.5BM
2.5V
–40
°C to +125°C
SOIC-8
MIC37101-3.3BM
3.3V
–40
°C to +125°C
SOIC-8
MIC37102BM
Adj.
–40
°C to +125°C
SOIC-8
MIC37101-1.5YM
1.5V
–40
°C to +125°C
SOIC-8 Lead Free
MIC37101-1.65YM
1.65V
–40
°C to +125°C
SOIC-8 Lead Free
MIC37101-1.8YM
1.8V
–40
°C to +125°C
SOIC-8 Lead Free
MIC37101-2.5YM
2.5V
–40
°C to +125°C
SOIC-8 Lead Free
MIC37101-3.3YM
3.3V
–40
°C to +125°C
SOIC-8 Lead Free
MIC37102YM
Adj.
–40
°C to +125°C
SOIC-8 Lead Free
MIC37102BR
Adj.
–40
°C to +125°C
S-PAK-5
Pin Configuration
IN
OUT
GND
13
2
TAB
GND
MIC37100-x.x (Fixed)
SOT-223 (S)
1
EN
IN
OUT
FLG
8
GND
GND
GND
GND
7
6
5
2
3
4
MIC37101-x.x (Fixed)
SOIC-8 (M)
1
EN
IN
OUT
ADJ
8
GND
GND
GND
GND
7
6
5
2
3
4
MIC37102 (Adjustable)
SOIC-8 (M)
5
ADJ
4
OUT
3
GND
2IN
1EN
MIC37102 (Adjustable)
S-PAK-5 (R)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com