Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9636 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS9636
Description  RS-423 Dual Programmable Slew Rate Line Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS9636 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS9636 Datasheet HTML 1Page - National Semiconductor (TI) DS9636 Datasheet HTML 2Page - National Semiconductor (TI) DS9636 Datasheet HTML 3Page - National Semiconductor (TI) DS9636 Datasheet HTML 4Page - National Semiconductor (TI) DS9636 Datasheet HTML 5Page - National Semiconductor (TI) DS9636 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
Ceramic DIP
−65˚C to +175˚C
Molded DIP
−65˚C to +150˚C
Lead Temperature
Ceramic DIP (Soldering, 60 seconds)
300˚C
Molded DIP (Soldering, 10 seconds)
265˚C
Maximum Power Dissipation* at 25˚C (Note 5)
Cavity Package
1560 mW
Molded Package
1300 mW
V+ Lead Potential to Ground Lead
V− to +15V
V− Lead Potential to Ground Lead
+0.5V to −15V
V+ Lead Potential to V− Lead
0V to +30V
Output Potential to Ground Lead
±15V
Output Source Current
−150 mA
Output Sink Current
150 mA
Recommended Operating Conditions
Characteristics
DS9636AM
DS9636AC
Units
Min
Typ
Max
Min
Typ
Max
Positive Supply Voltage (V+)
10.8
12
13.2
10.8
12
13.2
V
Negative Supply Voltage (V−)
−13.2
−12
−10.8
−13.2
−12
−10.8
V
Operating Temperature (T
A)
−55
25
125
0
25
70
˚C
Wave Shaping Resistance (R
WS)
10
500
10
1000
k
Ω
Electrical Characteristics (Notes 2, 3)
Over recommended operating temperature, supply voltage and wave shaping resistance ranges unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
OH1
Output Voltage HIGH
R
L to GND (RL = ∞)
5.0
5.6
6.0
V
V
OH2
R
L to GND (RL = 3.0 kΩ)
5.0
5.6
6.0
V
V
OH3
R
L to GND (RL = 450Ω)
4.0
5.5
6.0
V
V
OL1
Output Voltage LOW
R
L to GND (RL = ∞)
−6.0
−5.7
−5.0
V
V
OL2
R
L to GND (RL = 3.0 kΩ)
−6.0
−5.6
−5.0
V
V
OL3
R
L to GND (RL = 450Ω)
−6.0
−5.4
−4.0
V
R
O
Output Resistance
450
Ω≤ R
L
25
50
Ω
I
OS+
Output Short Circuit Current (Note 4)
V
O = 0V, VI = 0V
−150
−60
−15
mA
I
OS−
V
O = 0V, VI = 2.0V
15
60
150
mA
I
CEX
Output Leakage Current
V
O = ±6.0V, Power-Off
−100
+100
µA
V
IH
Input Voltage HIGH
2.0
V
V
IL
Input Voltage LOW
0.8
V
V
IC
Input Clamp Diode Voltage
I
I = 15 mA
−1.5
−1.1
V
I
IL
Input Current LOW
V
I = 0.4V
−80
−16
V
I
IH
Input Current HIGH
V
I = 2.4V
1.0
10
µA
V
I = 5.5V
10
100
I+
Positive Supply Current
V
CC = ±12V, RL = ∞,13
18
mA
R
WS = 100 kΩ,VI = 0V
I−
Negative Supply Current
V
CC = ±12V, RL = ∞,
−18
−13
mA
R
WS = 100 kΩ,VI = 0V
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The tables of “Electrical Characteristics” provide conditions for actual device operation.
Note 2: Unless otherwise specified Min/Max limits apply across the −55˚C to +125˚C temperature range for the DS9636AM and across the 0˚C to +70˚C range for
the DS9636AC. All typicals are given for V CC = 5V and TA = 25˚C.
Note 3: All currents into the device pins are positive; all currents out of the device pins are negative. All voltages are reference to ground unless otherwise specified.
Note 4: Only one output at a time should be shorted.
Note 5: Ratings apply to ambient temperature at 25˚C. Above this temperature, derate J and N packages 10.4 mW/˚C.
www.national.com
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com