Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9638CM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS9638CM
Description  RS-422 Dual High Speed Differential Line Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS9638CM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS9638CM Datasheet HTML 1Page - National Semiconductor (TI) DS9638CM Datasheet HTML 2Page - National Semiconductor (TI) DS9638CM Datasheet HTML 3Page - National Semiconductor (TI) DS9638CM Datasheet HTML 4Page - National Semiconductor (TI) DS9638CM Datasheet HTML 5Page - National Semiconductor (TI) DS9638CM Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DS9638
RS-422 Dual High Speed Differential Line Driver
General Description
The DS9638 is a Schottky, TTL compatible, dual differential
line driver designed specifically to meet the EIA Standard
RS-422 specifications. It is designed to provide unipolar dif-
ferential drive to twisted pair or parallel wire transmission
lines. The inputs are TTL compatible. The outputs are similar
to totem pole TTL outputs, with active pull-up and pull-down.
The device features a short circuit protected active pull-up
with low output impedance and is specified to drive 50
Ω
transmission lines at high speed. The mini-DIP provides high
package density.
Features
n Single 5V supply
n Schottky technology
n TTL and CMOS compatible inputs
n Output short circuit protection
n Input clamp diodes
n Complementary outputs
n Minimum output skew (<1.0 ns typical)
n 50 mA output drive capability for 50
Ω transmission lines
n Meets EIA RS-422 specifications
n Propagation delay of less than 10 ns
n “Glitchless” differential output
n Delay time stable with VCC and temperature variations
(<2.0 ns typical) (
Figure 3)
n Extended temperature range
Connection Diagram
8-Lead DIP
DS009622-1
Top View
Order Number DS9638CM or DS9638CN
See NS Package Number M08A or N08E
For Complete Military Product Specifications,
refer to the appropriate SMD or MDS.
Order Number DS9638MJ/883
See NS Package Number J08A
May 1998
© 1998 National Semiconductor Corporation
DS009622
www.national.com


Similar Part No. - DS9638CM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS9638CM TI-DS9638CM Datasheet
810Kb / 12P
DS9638 RS-422 Dual High Speed Differential Line Driver
DS9638CM TI1-DS9638CM Datasheet
825Kb / 12P
RS-422 Dual High Speed Differential Line Driver
DS9638CM/NOPB TI1-DS9638CM/NOPB Datasheet
825Kb / 12P
RS-422 Dual High Speed Differential Line Driver
DS9638CMX TI-DS9638CMX Datasheet
810Kb / 12P
DS9638 RS-422 Dual High Speed Differential Line Driver
DS9638CMX/NOPB TI1-DS9638CMX/NOPB Datasheet
825Kb / 12P
RS-422 Dual High Speed Differential Line Driver
More results

Similar Description - DS9638CM

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP26LV431 SIPEX-SP26LV431 Datasheet
138Kb / 13P
High Speed, 3.3V Quad RS-422 Differential Line Driver
logo
Exar Corporation
ST34C87 EXAR-ST34C87 Datasheet
72Kb / 8P
QUAD RS-422 CMOS Differential Line Driver
logo
Peregrine Semiconductor...
PE926C31 PEREGRINE-PE926C31 Datasheet
127Kb / 7P
Quad RS-422 Differential Line Driver Radiation Hardened
logo
Sipex Corporation
SP431 SIPEX-SP431 Datasheet
367Kb / 15P
High Speed, 3.3V Quad RS-422 Differential Line Driver
logo
National Semiconductor ...
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
RS-422 Dual Differential Line Driver and Receiver Pairs
logo
Exar Corporation
SP26LV431 EXAR-SP26LV431 Datasheet
777Kb / 22P
HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE DRIVER
SP26LV432 EXAR-SP26LV432 Datasheet
780Kb / 20P
HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE RECEIVER
logo
Texas Instruments
DS9638QML TI1-DS9638QML Datasheet
229Kb / 10P
RS-422 Dual High Speed Differential Line Driver
DS9638CM TI-DS9638CM Datasheet
810Kb / 12P
DS9638 RS-422 Dual High Speed Differential Line Driver
DS9638 TI1-DS9638_15 Datasheet
825Kb / 12P
RS-422 Dual High Speed Differential Line Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com