Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6532 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2N6532
Description  isc Silicon NPN Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6532 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N6532 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6532 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Darlington Power Transistor
2N6532
DESCRIPTION
·
High DC Current Gain-
: hFE= 1000(Min.)@IC= 5A
·
Collector-Emitter Sustaining Voltage-
:VCEO(SUS)= 100V(Min.)
·
Low Collector-Emitter Saturation Voltage-
: VCE(sat)= 2.0V(Max.)@ IC= 5A
APPLICATIONS
·
Power switching
·
Hammer drivers
·
Series and shunt regulators
·
Audio amplifiers
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
100
V
VCER
Collector-Emitter Voltage RBE= 100Ω
100
V
VCEV
Collector-Emitter Voltage VBE= -1.5V
100
V
VCEO
Collector-Emitter Voltage
100
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
8
A
ICM
Collector Current-peak
15
A
IB
Base Current
250
mA
PC
Collector Power Dissipation
@TC=25℃
65
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.92
℃
/W


Similar Part No. - 2N6532

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N6532 ETC-2N6532 Datasheet
296Kb / 6P
8-AMPERE N-P-N DARLINGTON POWER TRANSISTORS
logo
Savantic, Inc.
2N6532 SAVANTIC-2N6532 Datasheet
98Kb / 3P
Silicon NPN Power Transistors
2N6532 SAVANTIC-2N6532 Datasheet
100Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2N6532 NJSEMI-2N6532 Datasheet
81Kb / 2P
NPN POWER TRANSISTOR
logo
Central Semiconductor C...
2N6532 CENTRAL-2N6532 Datasheet
85Kb / 3P
NPN POWER TRANSISTOR
More results

Similar Description - 2N6532

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD560 ISC-2SD560 Datasheet
141Kb / 3P
isc Silicon NPN Darlington Power Transistor
TIP130 ISC-TIP130 Datasheet
105Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11020 ISC-MJ11020 Datasheet
81Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11012 ISC-MJ11012 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11016 ISC-MJ11016 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11032 ISC-MJ11032 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1027 ISC-2SD1027 Datasheet
103Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1126 ISC-2SD1126 Datasheet
249Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1190 ISC-2SD1190 Datasheet
250Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com