Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AF031AL55N1E Datasheet(PDF) 18 Page - STMicroelectronics

Part # M68AF031AL55N1E
Description  256 Kbit (32K x 8) 5.0V Asynchronous SRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AF031AL55N1E Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M68AF031AL55N1E Datasheet HTML 14Page - STMicroelectronics M68AF031AL55N1E Datasheet HTML 15Page - STMicroelectronics M68AF031AL55N1E Datasheet HTML 16Page - STMicroelectronics M68AF031AL55N1E Datasheet HTML 17Page - STMicroelectronics M68AF031AL55N1E Datasheet HTML 18Page - STMicroelectronics M68AF031AL55N1E Datasheet HTML 19Page - STMicroelectronics M68AF031AL55N1E Datasheet HTML 20Page - STMicroelectronics M68AF031AL55N1E Datasheet HTML 21Page - STMicroelectronics M68AF031AL55N1E Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
M68AF031A
18/22
Figure 18. TSOP28 - 28 lead Normal Pinout Plastic Small Outline, Package Outline
Note: Drawing is not to scale.
Table 12. TSOP28 - 28 lead Normal Pinout Plastic Small Outline, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.200
0.0472
A1
0.050
0.150
0.0020
0.0059
A2
0.910
1.050
0.0358
0.0413
B
0.220
0.0087
C
0.100
0.210
0.0039
0.0083
CP
0.100
0.0039
D
13.400–
–0.5276–
–
D1
11.800
–
–
0.4646
–
–
E
8.000
–
–
0.3150
–
–
e
0.550
–
–
0.0217
–
–
L
0.300
0.700
0.0118
0.0276
α
05
05
N28
28
TSOP-C
D1
E
7
8
CP
B
e
A2
A
22
D
DIE
C
L
A1
α
21
28
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com