Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3775-3.3BMM Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC3775-3.3BMM
Description  750mA UCap Low-Voltage Low-Dropout Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3775-3.3BMM Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC3775-3.3BMM Datasheet HTML 1Page - Micrel Semiconductor MIC3775-3.3BMM Datasheet HTML 2Page - Micrel Semiconductor MIC3775-3.3BMM Datasheet HTML 3Page - Micrel Semiconductor MIC3775-3.3BMM Datasheet HTML 4Page - Micrel Semiconductor MIC3775-3.3BMM Datasheet HTML 5Page - Micrel Semiconductor MIC3775-3.3BMM Datasheet HTML 6Page - Micrel Semiconductor MIC3775-3.3BMM Datasheet HTML 7Page - Micrel Semiconductor MIC3775-3.3BMM Datasheet HTML 8Page - Micrel Semiconductor MIC3775-3.3BMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MIC3775
Micrel
MIC3775
2
March 2003
Pin Configuration
1
EN
IN
FLG
OUT
8
GND
GND
GND
GND
7
6
5
2
3
4
MIC3775-x.x
Fixed
MSOP-8 (MM)
1
EN
IN
ADJ
OUT
8
GND
GND
GND
GND
7
6
5
2
3
4
MIC3775
Adjustable
MSOP-8 (MM)
Pin Description
Pin No.
Pin No.
Fixed
Adjustable
Pin Name
Pin Function
1
1
EN
Enable (Input): CMOS-compatible control input. Logic high = enable, logic
low or open = shutdown.
2
2
IN
Supply (Input).
3
FLG
Flag (Output): Open-collector error flag output. Active low = output under-
voltage.
3
ADJ
Adjustment Input: Feedback input. Connect to resistive voltage-divider
network.
4
4
OUT
Regulator Output.
5–85–8
GND
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com