Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MN101D06F Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MN101D06F
Description  RESET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN101D06F Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MN101D06F Datasheet HTML 1Page - Panasonic Semiconductor MN101D06F Datasheet HTML 2Page - Panasonic Semiconductor MN101D06F Datasheet HTML 3Page - Panasonic Semiconductor MN101D06F Datasheet HTML 4Page - Panasonic Semiconductor MN101D06F Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MN101D06F,MN101D06G,MN101D06H
Serial Interface (Continue)
Serial 1: 8-bit
× 1
(synchronous type/remote control transmission/simple remote control receive) (transfer direction of MSB/LSB
selectable, start condition function)
Clock source ····················· 1/8, 1/16, 1/32, 1/64, 1/128, 1/256 of system clock frequency;
2-division timer 4 output; NSBT1 pin input
Remote control clock ······ 2-division timer 4 output
Serial 2: 8-bit
× 1 (I2C) (master transmission/reception, slave transmission/reception)
Clock source ····················· 1/144 to 1/252 of system clock; SCK pin input
OSD
OSD mode:
Accommodation with menu(internal synchronous) or super impose(external synchronous) display
Applicable broadcasting system:NTSC, PAL, PAL-M, PAL-N
Screen configuration
: 24 characters
× 2n rows (n = 1 to 6)
Character type
: max. 512 character types (variable, incude special characters)
Character size
: 12
× 18 dots (Vertical direction: 1 dot for 2H at not enlargement)
Enlarged characters
: each
× 2, × 3 or × 4 settings in horizontal and vertical
Character interpolation
: none
Line background color
: 8-hue settable (settable in the row unit at menu display)
Line background intensity
: 8 gradations settable in the row unit (at output of composite video signal)
Screen background color
: 8-hue settable (at output of composite video signal)
Character color
: white (at output of composite video signal)
Character intensity
: 8 gradations settable in the row unit (at output of composite video signal)
Frame function
: 1-dot frame in 4 or 8 directions
Frame intensity
: 4 gradations settable in the row unit (at output of composite video signal)
Box shade function
: settable in the character unit (at output of composite video signal
with 129 or more characters (character types))
Blinking
: none (covered by software)
Inverted character
: settable in the character unit
Halftone
: settable in the row unit in 2 intensity gradations (at output of
external synchronous composite video signal)
CCD mode:
Supports Closed Caption in the U.S.A.
Screen configuration
: 32 characters
× 16 rows
Character type
: max. 128 character types (variable)
Character size
: 12
× 26 dots (Vertical direction: 1 dot for 1H, including 8 dots in the
underlined area)
Enlarged characters
: none
Character interpolation
: none
Line background color
: 8-hue settable
Line background intensity
: 8 gradations settable in the screen unit (at output of composite video
signal)
Screen background color
: 8-hue settable (at output of composite video signal)
Character color
: 8 colors (at RGB output)
: White (at output of composite video signal)
Character intensity
: 8 gradations settable in the screen unit (at output of composite video signal)
Frame function
: none
Box shade function
: none
Inverted character
: none
Halftone
: settable in the row unit in 2 intensity gradations
(at output of external synchronous composite video signal)
Others
: Underline, italic, blinking function and scroll
Input
: composite video signal input (output level: 1 V[p-p] / 2 V[p-p])
Clamp method
: sync tip clamp, clamp level in 4 levels
Output
: composite video output
: digital output (6 pins)
Measure against image fluctuation
: built-in AFC circuit
Dot clock
: 1/2 of OSC oscillation clock (automatic phase adjustment)
See the next page for electrical characteristics, pin assignment and support tool.
MAD00029FEM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com