Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC185TS Datasheet(PDF) 6 Page - Motorola, Inc

Part # MPC185TS
Description  Security Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC185TS Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MPC185TS Datasheet HTML 2Page - Motorola, Inc MPC185TS Datasheet HTML 3Page - Motorola, Inc MPC185TS Datasheet HTML 4Page - Motorola, Inc MPC185TS Datasheet HTML 5Page - Motorola, Inc MPC185TS Datasheet HTML 6Page - Motorola, Inc MPC185TS Datasheet HTML 7Page - Motorola, Inc MPC185TS Datasheet HTML 8Page - Motorola, Inc MPC185TS Datasheet HTML 9Page - Motorola, Inc MPC185TS Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
MPC185 Security Processor Technical Summary
MOTOROLA
6.2 The MPC185 Controller
The MPC185 controller manages on-chip resources, including the individual execution units (EUs), FIFOs,
the 60x Interface, and the internal buses that connect all the various modules. The controller receives service
requests from the 60x interface and various crypto-channels, and schedules the required activities. The
controller can configure each of the on-chip resources in three modes:
•
Host-controlled mode—The host is directly responsible for all data movement into and out of the
resource.
•
Static mode—The user can reserve a specific execution unit to a specific crypto-channel.
•
Dynamic mode—A crypto channel can request a particular service from any available execution
unit.
6.3 Host-Managed Register Access
All EUs can be used entirely through register read/write access. It is strongly recommended that read/write
access only be performed on a EU that is statically assigned to an idle crypto-channel. Such an assignment
is the only method for the host to inform the controller that a particular EU is in use.
6.4 Static EU Access
The controller can be configured to reserve one or more EUs to a particular crypto-channel. Doing so
permits locking the EU to a particular context. When in this mode, the crypto-channel can be used by
multiple descriptors representing the same context without unloading and reloading the context at the end
of each descriptor. This mode presents considerable performance improvement over dynamic access, but
only when the MPC185 is supporting few (or one) contexts.
Static EU access can also be used to reserve one particular Public Key Execution Unit (PKEU) for one type
of computation. For example, one PKEU could be reserved for all private key RSA operations using prime
P, and the other could be reserved for all computations using prime Q. Again, this presents a performance
improvement because all fixed parameters can remain within the reserved PKEUs. This reduces the
overhead of loading and unloading contexts and therefore improves performance. However, this is only a
performance improvement if the lack of dynamically available PKEUs does not become a bottleneck in key
agreement protocols.
6.5 Dynamic EU Access
Processing begins when a data packet descriptor pointer is written to the Next Descriptor Pointer Register
of one of the crypto-channels. Prior to fetching the data referred to by the descriptor and based on the
services requested by the descriptor header in the descriptor buffer, the controller dynamically reserves
usage of an EU to the crypto-channel. If all appropriate EUs are already dynamically reserved by other
crypto-channels, the crypto-channel stalls and waits to fetch data until an appropriate EU is available.
If multiple crypto-channels simultaneously request the same EU, the EU is assigned on a weighted priority
or round-robin basis. Once the required EU has been reserved, the crypto-channel fetches and loads the
appropriate data packets, operates the EU, unloads data to system memory, and releases the EU for use by
another crypto-channel. If a crypto-channel attempts to reserve a statically-assigned EU (and no appropriate
EUs are available for dynamic assignment), an interrupt is generated and status indicates illegal access.
When dynamic assignment is used, each encryption/decryption packet must contain context that is
particular to the context being supported.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com