Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1261-Z Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SA1261-Z
Description  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA1261-Z Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SA1261-Z Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA1261-Z Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon PNP Power Transistor
2SA1261-Z
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= -5.0A; IB= -0.5A, L=1mH
-100
V
VCEX(SUS)-1
Collector-Emitter Sustaining Voltage
IC= -5.0A ; IB1=-IB2= -0.5A,
VBE(OFF)=5.0V, L=180μH,clamped
-100
V
VCEX(SUS)-2
Collector-Emitter Sustaining Voltage
IC= -10A ; IB1= -1.0A; IB2= -0.5A,
VBE(OFF)= 5.0V, L= 180μH,clamped
-100
V
VCE(sat)*
Collector-Emitter Saturation Voltage
IC= -5.0A; IB= -0.5A
-0.6
V
VBE(sat)*
Base-Emitter Saturation Voltage
IC= -5.0A; IB= -0.5A
-1.5
V
ICBO
Collector Cutoff Current
VCB= -100V; IE= 0
-10
μ
A
ICER
Collector Cutoff Current
VCE= -100V; RBE= 51Ω,Ta=125℃
-1.0
mA
ICEX
Collector Cutoff Current
VCE= -100V; VBE(off)= -1.5V
VCE= -100V; VBE(off)= -1.5V, Ta=125℃
-10
-1.0
μ
A
mA
IEBO
Emitter Cutoff Current
VEB= -5V; IC= 0
-10
μ
A
hFE-1*
DC Current Gain
IC= -0.5A; VCE= -5V
40
200
hFE-2*
DC Current Gain
IC= -3.0A; VCE= -5V
40
200
hFE-3*
DC Current Gain
IC= -5.0A; VCE= -5V
20
Switching times
ton
Turn-on Time
IC= -5.0A, RL= 10Ω,
IB1= -IB2= -0.5A, VCC≈-50V
0.5
μ
s
tstg
Storage Time
1.5
μ
s
tf
Fall Time
0.5
μ
s
*:PW≤350us,duty cycle≤2%
hFE-2 Classifications
M
L
K
40-80
60-120
100-200



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com