Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2901607 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2901607
Description  Round cable - VIP-CAB-FLK14/AXIO/0,14/2
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2901607 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2901607 Datasheet HTML 1Page - PHOENIX CONTACT 2901607 Datasheet HTML 2Page - PHOENIX CONTACT 2901607 Datasheet HTML 3Page - PHOENIX CONTACT 2901607 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/2901607
09/06/2016   Page 1 / 4
Round cable - VIP-CAB-FLK14/AXIO/0,14/2,0M - 2901607
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Round cable set for Axioline Realtime I/O with Single wires (8-position) (The wires are marked and fitted with
ferrules.) on 1 x IDC/FLK socket strip (14-position, 90 °-Out put), Cable length: 2 m
Why buy this product
 8 pre-assembled open ends, for connection to the Axioline realtime I/O system
 14-pos. connector, molded
 Labeling field on plug
 1:1 connection
 Transmission of groups of 8 channels
Key Commercial Data
Packing unit
1 STK
Custom tariff number
85444290
Country of origin
Germany
Technical data
General
Nominal voltage UN
< 50 V AC
60 V DC
Max. current carrying capacity per path
1 A
Max. conductor resistance
0.16 Ω/m
Length of cable
2 m
Single wire, cross section
0.14 mm²
Single wire, cross section [AWG]
26
Conductor construction: Number of litz wires:
7
Single wire, material
Cu tin-plated


Similar Part No. - 2901607

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2901604 PHOENIX-2901604 Datasheet
60Kb / 4P
Round cable - VIP-CAB-FLK14/AXIO/0,14/0,5M
2901605 PHOENIX-2901605 Datasheet
61Kb / 4P
Round cable - VIP-CAB-FLK14/AXIO/0,14/1,0M
2901606 PHOENIX-2901606 Datasheet
61Kb / 4P
Round cable - VIP-CAB-FLK14/AXIO/0,14/1,5M
2901608 PHOENIX-2901608 Datasheet
60Kb / 4P
Round cable - VIP-CAB-FLK14/AXIO/0,14/2,5M
2901609 PHOENIX-2901609 Datasheet
60Kb / 4P
Round cable - VIP-CAB-FLK14/AXIO/0,14/3,0M
More results

Similar Description - 2901607

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2901606 PHOENIX-2901606 Datasheet
61Kb / 4P
Round cable - VIP-CAB-FLK14/AXIO/0,14/1,5M
2901608 PHOENIX-2901608 Datasheet
60Kb / 4P
Round cable - VIP-CAB-FLK14/AXIO/0,14/2,5M
2901609 PHOENIX-2901609 Datasheet
60Kb / 4P
Round cable - VIP-CAB-FLK14/AXIO/0,14/3,0M
2901610 PHOENIX-2901610 Datasheet
60Kb / 4P
Round cable - VIP-CAB-FLK14/AXIO/0,14/4,0M
2901604 PHOENIX-2901604 Datasheet
60Kb / 4P
Round cable - VIP-CAB-FLK14/AXIO/0,14/0,5M
2901605 PHOENIX-2901605 Datasheet
61Kb / 4P
Round cable - VIP-CAB-FLK14/AXIO/0,14/1,0M
2901611 PHOENIX-2901611 Datasheet
60Kb / 4P
Round cable - VIP-CAB-FLK14/AXIO/0,14/6,0M
2900123 PHOENIX-2900123 Datasheet
65Kb / 4P
Round cable - VIP-CAB-FLK14/FR/OE/0,14/1,0M
2900125 PHOENIX-2900125 Datasheet
65Kb / 4P
Round cable - VIP-CAB-FLK14/FR/OE/0,14/1,5M
2318884 PHOENIX-2318884 Datasheet
80Kb / 5P
Cable - VIP-CAB-FLK50/0,14/1,5M
09/12/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com