Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD1802 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # STD1802
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STD1802 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  STD1802 Datasheet HTML 1Page - Inchange Semiconductor Company Limited STD1802 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
STD1802
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)EBO
Emitter-Base Breakdown Voltage
IE=0.1mA,IC=0
6
V
V (BR)CEO)
Collector-Emitter Breakdown Voltage
IC=1mA, IB=0
60
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC=0.1mA ,IE=0
80
V
VCE(sat) *
Collector-Emitter Saturation Voltage
IC= 2A; IB= 100mA
0.3
V
IC= 3A; IB= 150mA
0.4
V
VBE(sat)*
Base-Emitter Saturation Voltage
IC= 2A; IB= 100mA
1.2
V
ICBO
Collector Cutoff Current
VCB= 40V; IE= 0
100
nA
IEBO
Emitter Cutoff Current
VEB= 4V; IC=0
100
nA
hFE*
DC Current Gain
IC= 100mA; VCE= 2V
200
400
IC= 3A; VCE= -2V
100
fT
Current-Gain—Bandwidth Product
IC= 50mA ;VCE= 10V
150
MHZ
COB
Output Capacitance
VCB=10V;f=1.0MHz
50
pF
* Pulse Test: PW≤300μs, Duty Cycle≤1.5%
Switching Times; Resistive Load
ton
Tur-on Time
IC= 1A; VCC= 30V;
IB1= IB2= -0.1A
50
ns
ts
Storage Time
1.35
us
tf
Fall Time
120
ns



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com