Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XFHCL11MBE-R47M Datasheet(PDF) 1 Page - XFMRS Inc.

Part # XFHCL11MBE-R47M
Description  Shielded Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

XFHCL11MBE-R47M Datasheet(HTML) 1 Page - XFMRS Inc.

  XFHCL11MBE-R47M Datasheet HTML 1Page - XFMRS Inc. XFHCL11MBE-R47M Datasheet HTML 2Page - XFMRS Inc. XFHCL11MBE-R47M Datasheet HTML 3Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(317)834­1066
www.xfmrs.com
7570 E. Landersdale Rd.
Camby, IN 46113
852­2423­1689
pyiu@xfmrs.com
152­160 Tai Lin Pai Rd.
Kwai Chung, NT, Hong Kong
XFHCL11MBE­xxxx
Series
Shielded Power Inductors
Inductance Range: 0.47uH to 47uH
Metallic clip caters to EMI applications
Current Ratings: 4.5A to 28.5A
Surface mount
High saturation current
Shielded design
Rev: A/­


Similar Part No. - XFHCL11MBE-R47M

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFHCL11MB-150M XFMRS-XFHCL11MB-150M Datasheet
46Kb / 1P
XFHCL11MB SERIES INDUCTORS
XFHCL11MB-1R0M XFMRS-XFHCL11MB-1R0M Datasheet
117Kb / 2P
SMD POWER INDUCTORS
XFHCL11MB-1R2M XFMRS-XFHCL11MB-1R2M Datasheet
47Kb / 1P
SMD POWER INDUCTORS
XFHCL11MB-1R8M XFMRS-XFHCL11MB-1R8M Datasheet
47Kb / 1P
SMD POWER INDUCTORS
XFHCL11MB-2R2M XFMRS-XFHCL11MB-2R2M Datasheet
114Kb / 2P
SMD POWER INDUCTORS
More results

Similar Description - XFHCL11MBE-R47M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com