Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3F Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # ES3F
Description  SUPER-FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

ES3F Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  ES3F Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. ES3F Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Diodes
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
FEATURES
MECHANICAL
DATA
MAXIMUM RATINGS
AND
ELECTRICAL
CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive
load. For capacitive load, derate current by 20%.
ES3A --- ES3J
10
DO-214AB (SMC)
0.125(3.17)
0.115(2.92)
0.245(6.22)
0.220(5.59)
0.280(7.11)
0.260(6.60)
0.103(2.62)
0.079(2.06)
0.060(1.52)
0.030(0.76)
0.012(0.305)
0.006(0.152)
0.320(8.13)
0.305(7.75)
0.008(0.203)
0.004(0.102)
· Glass Passivated Die Construction
· Super-Fast Recovery Time For High Efficiency
· Low Forward Voltage Drop and High Current
Capability
· Surge Overload Rating to 100A Peak
· Ideally Suited for Automated Assembly
· Plastic Material: UL Flammability
Classification Rating 94V-0
· Case: Molded Plastic
· Terminals: Solder Plated Terminal - Solderable
per MIL-STD-202, Method 208
· Polarity: Cathode Band or Cathode Notch
· Mounting Position: Any
· Marking: Type Number
Notes:
1. Unit mounted on PC board with 5.0 mm2 (0.013 mm thick) copper pads as heat sink.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See Figure 5.
SUPER-FAST RECTIFIER


Similar Part No. - ES3F

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
ES3F GE-ES3F Datasheet
74Kb / 2P
SURFACE MOUNT ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Taiwan Semiconductor Co...
ES3F TSC-ES3F Datasheet
56Kb / 2P
3.0 AMPS. Super Fast Surface Mount Rectifiers
ES3F TSC-ES3F Datasheet
273Kb / 2P
3.0 AMPS. Surface Mount Super Fast Rectifiers
logo
GOOD-ARK Electronics
ES3F GOOD-ARK-ES3F Datasheet
174Kb / 2P
Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
logo
Vishay Siliconix
ES3F VISHAY-ES3F Datasheet
108Kb / 5P
Surface Mount Ultrafast Plastic Rectifier
20-Nov-07
More results

Similar Description - ES3F

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
SF101 CHENYI-SF101 Datasheet
151Kb / 2P
SUPER FAST RECTIFIER
SF201 CHENYI-SF201 Datasheet
158Kb / 2P
SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
SUPER FAST RECTIFIER
BYV27-50 BILIN-BYV27-50 Datasheet
124Kb / 2P
SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
UGP30A BILIN-UGP30A Datasheet
65Kb / 2P
SUPER FAST RECTIFIER
USF21 BILIN-USF21 Datasheet
61Kb / 2P
SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com