Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMPH-1008-R47 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASMPH-1008-R47
Description  SMD Multilayer Chip Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASMPH-1008-R47 Datasheet(HTML) 1 Page - Abracon Corporation

  ASMPH-1008-R47 Datasheet HTML 1Page - Abracon Corporation ASMPH-1008-R47 Datasheet HTML 2Page - Abracon Corporation ASMPH-1008-R47 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ASMPH-1008
ELECTRICAL SPECIFICATIONS:
SMD Multilayer Chip Power Inductor
FEATURES:
APPLICATIONS:
2.5 x 2.0 x 0.9mm
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
ISO 9001:2008
30332Esperanza, Rancho Santa Margarita, California 9268
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 02.12.13
Visit
www.abracon.com for Terms & Conditions of Sale
Operating Temperature: -40˚C to +85˚C
Storage Temperature: -10˚C to +40˚C andRH 70% (Max.)
• High DC bias current due to trench technology
• Much lower profile than any other series
• Monolithic structure for high reliability
• Excellent solderability and heat resistance
• Magnetically shielded structure to eliminate cross coupling
Unless otherwise specified, the standard atmospheric conditions for measurement/test as:
a. Ambient Temperature: 20±15˚C
b. Relative Humidity: 65±20%
c. Air Pressure: 86 kPa to 106 kPa
Inductance (L): HP4291B+HP16192A or Equivalent, tested at 1MHz, -20dBm or 50mV.
Direct Current Resistance (DCR): Milliohmeter-HP4338B or Equivalent
Self-Resonant Frequency (SRF): HP4291B+HP16192A or Equivalent, -20dBm or 50mV.
Temperature Rise current (Irms): Electric Power, Electric current meter, Thermometer.
Irms is the value of DC current as chip surface temperature rose just 40°C against chip initial surface
temperature.
Saturation Current (Isat): HP6632B system DC power supply, HP4291B+HP16192A+HP16200A or
equivalent.
Isat is the value of DC current as inductance decreased just 30% against initial value
Pb
RoHS/RoHS II Compliant
Part Number
ASMPH-1008-
Inductance Code
Inductance
Tolerance
DCR
SRF Min.
Temperature
Rise Current
(max)
Saturation
Current
(Typ)
Units
μH
%
Ω ± 25%
MHz
mA
mA
Symbol
L
M=±20%
N=±30%
DCR
SRF
Irms
Isat
ASMPH-1008-R47
0.47
M, N
0.04
105
1800
1500
ASMPH-1008-1R0
1.0
M, N
0.06
70
1600
1400
ASMPH-1008-1R5
1.5
M, N
0.07
65
1500
1200
ASMPH-1008-2R2
2.2
M, N
0.08
55
1300
850
ASMPH-1008-3R3
3.3
M, N
0.10
30
1200
450
ASMPH-1008-4R7
4.7
M, N
0.11
25
1100
320
ASMPH family is a miniature type of multilayer power
inductors constructed using low loss ferite material to
support high-speed switching frequencies.The compact
size and high efficiency is ideal for DC/DC converter
applications in space limited boards.
Switching mode regulators for smart phones and cameras.
Buck convertersfor RFIC, RFPA and Audio Codec modules.
Boost converters for flash drivers.
Wireless cards, DVD players and other electronic devices.


Similar Part No. - ASMPH-1008-R47

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASMPH-0603 ABRACON-ASMPH-0603 Datasheet
794Kb / 3P
SMD Multilayer Chip Power Inductor
02.11.13
ASMPH-0603-1R0 ABRACON-ASMPH-0603-1R0 Datasheet
794Kb / 3P
SMD Multilayer Chip Power Inductor
02.11.13
ASMPH-0603-1R5 ABRACON-ASMPH-0603-1R5 Datasheet
794Kb / 3P
SMD Multilayer Chip Power Inductor
02.11.13
ASMPH-0603-2R2 ABRACON-ASMPH-0603-2R2 Datasheet
794Kb / 3P
SMD Multilayer Chip Power Inductor
02.11.13
ASMPH-0603-R22 ABRACON-ASMPH-0603-R22 Datasheet
794Kb / 3P
SMD Multilayer Chip Power Inductor
02.11.13
More results

Similar Description - ASMPH-1008-R47

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
MLPC10 ALLIED-MLPC10 Datasheet
4Mb / 1P
Multilayer Power Chip Inductor
MLPC12 ALLIED-MLPC12 Datasheet
4Mb / 1P
Multilayer Power Chip Inductor
MLPCH15 ALLIED-MLPCH15 Datasheet
4Mb / 1P
Multilayer Power Chip Inductor
MLPC05 ALLIED-MLPC05 Datasheet
2Mb / 1P
Multilayer Power Chip Inductor
logo
Abracon Corporation
ASMCI-0603 ABRACON-ASMCI-0603 Datasheet
1Mb / 3P
SMD Multilayer Chip Inductor for Choke
02.08.13
ASMCI-0805 ABRACON-ASMCI-0805 Datasheet
1Mb / 3P
SMD Multilayer Chip Inductor for Choke
02.08.13
ASMPH-0603 ABRACON-ASMPH-0603 Datasheet
794Kb / 3P
SMD Multilayer Chip Power Inductor
02.11.13
ASMPH-0805 ABRACON-ASMPH-0805 Datasheet
956Kb / 3P
SMD Multilayer Chip Power Inductor
02.12.13
ASMPH-0806 ABRACON-ASMPH-0806 Datasheet
964Kb / 3P
SMD Multilayer Chip Power Inductor
02.12.13
logo
Allied Components Inter...
MLPC15N6 ALLIED-MLPC15N6 Datasheet
8Mb / 1P
Multilayer Power Chip Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com