Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-0310FS Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASPI-0310FS
Description  ULTRA LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0310FS Datasheet(HTML) 2 Page - Abracon Corporation

  ASPI-0310FS Datasheet HTML 1Page - Abracon Corporation ASPI-0310FS Datasheet HTML 2Page - Abracon Corporation ASPI-0310FS Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OUTLINE DRAWING:
ASPI-0310FS
RoHS
Compliant
3.0 x 3.0 x 1.0mm
Pb
ABRACON IS
ISO9001:2008
CERTIFIED
ULTRA LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
Mechanical and Material Information 1 (Effective date: 11/10/2011)
Circuit Schematic
Recommended Land Pattern
No Polarity
Dimension: mm
Materials
No
Part Name
Material
1
Ferrite core
Ni-Zn Ferrite
2
Terminals
Ag/Ni/Sn
3
Coil
Cu/P180 Grd 1
Adhesive
Silicon Base Resin
4
Magnetic Powder Ni-Zn Ferrite
A
B
C Max.
3.0±0.1
3.0±0.1
1.0
LLC
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 02.23.16
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com