Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-0312FS Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-0312FS
Description  LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0312FS Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-0312FS Datasheet HTML 1Page - Abracon Corporation ASPI-0312FS Datasheet HTML 2Page - Abracon Corporation ASPI-0312FS Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ASPI-0312FS
ELECTRICAL SPECIFICATIONS:
RoHS
Compliant
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 11.22.11
Visit www.abracon.com for Terms & Conditions of Sale
FEATURES:
APPLICATIONS:
• Mobile phones
• MP3 & 4 and other portable communication equipment
• Digital cameras.
3.0 x 3.0 x 1.2mm
Pb
ABRACON IS
ISO9001:2008
CERTIFIED
OPTIONS AND PART IDENTIFICATION
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
Abracon P/N:
ASPI-0312FS Series
Operating Temperature & Humidity
Storage Temperature & Humidity:
.
• Small size and low profile: 1.2mm
• Small DCR and high rated current
• High reliability to mechanical stress
• Magnetically shielded by magnetic powder molding
• Suitable for RoHS reflow profile
Part Number
Inductance
Inductance
Tolerance
DCR
DCR
Tolerance
Saturation
Current
Temperature
Rise Current
Units
μH
%
mΩ
%
A
A
Symbol
L
M, N
DCR
Isat
Irms
ASPI-0312FS-1R0
1.0
N
50
±20%
1.50
1.49
ASPI-0312FS-1R5
1.5
N
60
1.36
1.40
ASPI-0312FS-2R2
2.2
M
70
1.10
1.20
ASPI-0312FS-2R7
2.7
M
90
1.00
1.00
ASPI-0312FS-3R3
3.3
M
100
0.91
1.05
ASPI-0312FS-4R7
4.7
M
130
0.77
0.98
ASPI-0312FS-6R8
6.8
M
190
0.67
0.74
ASPI-0312FS-100
10.0
M
290
0.54
0.63
ASPI-0312FS-150
15.0
M
450
0.44
0.48
ASPI-0312FS-220
22.0
M
630
0.37
0.42
ASPI-0312FS-330
33.0
M
1030
0.31
0.33
ASPI-0312FS-470
47.0
M
1450
0.25
0.28
Test Conditions
1. Inductance is measured in HP-4285A Precision LCR Meter.
2. RDC is measured in HP 4338B milli ohm meter.(or equivalent).
3. Isat : Based on inductance change (△L/Lo : ≤ -30%)
4. Irms : Based on temperature rise (△T : 40oC TYP. )
5. Test Freq: 100KHz, 1Vrms
-25˚C to +120˚C (Including self generated heat)
-10˚C to +40˚C, 30% to 70% RH
ASPI-0312FS-
-
*N for L = 1.0 and 1.5µH
*M for L = 2.2 ~ 47µH
Inductance Code
Please refer to the
Electrical Spec Table
Packaging
T2: Tape and Reel (2kpcs / reel)
Tolerance
N: ±30%*
M: ±20%*


Similar Part No. - ASPI-0312FS

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0312FSSA ABRACON-ASPI-0312FSSA Datasheet
5Mb / 3P
High reliability to mechanical stress
05.26.11
ASPI-0312FSSA-100M ABRACON-ASPI-0312FSSA-100M Datasheet
5Mb / 3P
High reliability to mechanical stress
05.26.11
ASPI-0312FSSA-220M ABRACON-ASPI-0312FSSA-220M Datasheet
5Mb / 3P
High reliability to mechanical stress
05.26.11
ASPI-0312FSSA-2R0M ABRACON-ASPI-0312FSSA-2R0M Datasheet
5Mb / 3P
High reliability to mechanical stress
05.26.11
ASPI-0312FSSA-3R3M ABRACON-ASPI-0312FSSA-3R3M Datasheet
5Mb / 3P
High reliability to mechanical stress
05.26.11
More results

Similar Description - ASPI-0312FS

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0410FS ABRACON-ASPI-0410FS Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
09.23.13
ASPI-0418FS ABRACON-ASPI-0418FS Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
12.28.12-C
ASPI-0425 ABRACON-ASPI-0425 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
12.20.11
ASPI-0615FS ABRACON-ASPI-0615FS Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
02.04.13
ASPI-0628 ABRACON-ASPI-0628 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
03.16.12
ASPI-0840 ABRACON-ASPI-0840 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
10.04.13
ASPI-2410 ABRACON-ASPI-2410 Datasheet
1Mb / 3P
Low Profile Shielded SMD Chip Power Inductor
10.20.11
ASPI-2510 ABRACON-ASPI-2510 Datasheet
1Mb / 3P
Low Profile Shielded SMD Chip Power Inductor
09.06.11
ASPI-2515 ABRACON-ASPI-2515 Datasheet
1Mb / 3P
Low Profile Shielded SMD Chip Power Inductor
01.31.13
ASPI-5040S ABRACON-ASPI-5040S Datasheet
1Mb / 3P
Low Profile Shielded SMD Chip Power Inductor
01.24.12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com