Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-0310FS-2R2 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-0310FS-2R2
Description  ULTRA LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0310FS-2R2 Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-0310FS-2R2 Datasheet HTML 1Page - Abracon Corporation ASPI-0310FS-2R2 Datasheet HTML 2Page - Abracon Corporation ASPI-0310FS-2R2 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ASPI-0310FS
ELECTRICAL SPECIFICATIONS:
RoHS
Compliant
FEATURES:
APPLICATIONS:
• Mobile phones
• MP3 & 4 and other portable communication equipment
• Digital cameras.
3.0 x 3.0 x 1.0mm
Pb
ABRACON IS
ISO9001:2008
CERTIFIED
OPTIONS AND PART IDENTIFICATION
ULTRA LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
Abracon P/N:
ASPI-0310FS Series
Operating Temperature & Humidity :
Storage Temperature & Humidity:
• Small size and low profile: 1.0mm
• Small DCR and high rated current
• High reliability to mechanical stress
• Magnetically shielded by magnetic powder molding
• Suitable for RoHS reflow profile
Part Number
Inductance
Inductance
Tolerance
DCR
DCR
Tolerance
Saturation
Current
Temperature
Rise Current
Units
μH
%
mΩ
%
A
A
Symbol
L
M, N
DCR
Isat
Irms
ASPI-0310FS-1R0
1.0
N
50
±25%
2.30
2.30
0
1
.
2
0
9
.
1
2
6
N
2
.
1
2
R
1
-
S
F
0
1
3
0
-
I
P
S
A
ASPI-0310FS-1R5
1.5
N
70
±30%
1.65
2.00
0
9
.
1
5
4
.
1
0
8
M
2
.
2
2
R
2
-
S
F
0
1
3
0
-
I
P
S
A
0
8
.
1
5
0
.
1
0
3
1
M
3
.
3
3
R
3
-
S
F
0
1
3
0
-
I
P
S
A
0
7
.
1
5
8
.
0
5
7
1
M
7
.
4
7
R
4
-
S
F
0
1
3
0
-
I
P
S
A
0
3
.
1
0
7
.
0
0
6
2
M
8
.
6
8
R
6
-
S
F
0
1
3
0
-
I
P
S
A
0
9
.
0
0
6
.
0
0
5
3
M
0
.
0
1
0
0
1
-
S
F
0
1
3
0
-
I
P
S
A
0
8
.
0
0
5
.
0
0
1
5
M
0
.
5
1
0
5
1
-
S
F
0
1
3
0
-
I
P
S
A
0
7
.
0
0
4
.
0
0
8
7
M
0
.
2
2
0
2
2
-
S
F
0
1
3
0
-
I
P
S
A
0
5
.
0
2
3
.
0
0
0
1
1
M
0
.
3
3
0
3
3
-
S
F
0
1
3
0
-
I
P
S
A
ASPI-0310FS-470
47.0
M
1600
±20%
0.28
0.35
Test Conditions
1. Inductance is measured in HP-4285A Precision LCR Meter.
2. RDC is measured in DU-5011 milli ohm meter.(or equivalent).
3. Isat : Based on inductance change ( L/Lo : ≤ -30%)
4. Irms : Based on temperature rise ( T : 40oC TYP. )
5. Test Freq: 100KHz, 1Vrms
-25°C to +120°C (Including self generated heat)
-10°C to +40°C, 30% to 70% RH
*M for L = 2.2 ~ 47µH
ASPI-3010FS-
-
*N for L = 1.0 ~ 1.5µH
Inductance Code
Please refer to the
Electrical Spec Table
Packaging
T2: Tape and Reel (2kpcs / reel)
Tolerance
N: ±30%*
M: ±20%*
LLC
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 02.23.16
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale


Similar Part No. - ASPI-0310FS-2R2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0310FSSA ABRACON-ASPI-0310FSSA Datasheet
1Mb / 3P
Small DCR and high rated current
09.10.10
ASPI-0310FSSA-100M ABRACON-ASPI-0310FSSA-100M Datasheet
1Mb / 3P
Small DCR and high rated current
09.10.10
ASPI-0310FSSA-220M ABRACON-ASPI-0310FSSA-220M Datasheet
1Mb / 3P
Small DCR and high rated current
09.10.10
ASPI-0310FSSA-2R2M ABRACON-ASPI-0310FSSA-2R2M Datasheet
1Mb / 3P
Small DCR and high rated current
09.10.10
ASPI-0310FSSA-3R3M ABRACON-ASPI-0310FSSA-3R3M Datasheet
1Mb / 3P
Small DCR and high rated current
09.10.10
More results

Similar Description - ASPI-0310FS-2R2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0312FS ABRACON-ASPI-0312FS Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
11.22.11
ASPI-0410FS ABRACON-ASPI-0410FS Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
09.23.13
ASPI-0418FS ABRACON-ASPI-0418FS Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
12.28.12-C
ASPI-0425 ABRACON-ASPI-0425 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
12.20.11
ASPI-0615FS ABRACON-ASPI-0615FS Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
02.04.13
ASPI-0628 ABRACON-ASPI-0628 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
03.16.12
ASPI-0840 ABRACON-ASPI-0840 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
10.04.13
ASPI-2410 ABRACON-ASPI-2410 Datasheet
1Mb / 3P
Low Profile Shielded SMD Chip Power Inductor
10.20.11
ASPI-2510 ABRACON-ASPI-2510 Datasheet
1Mb / 3P
Low Profile Shielded SMD Chip Power Inductor
09.06.11
ASPI-2515 ABRACON-ASPI-2515 Datasheet
1Mb / 3P
Low Profile Shielded SMD Chip Power Inductor
01.31.13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com