Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-0410FS Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-0410FS
Description  LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0410FS Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-0410FS Datasheet HTML 1Page - Abracon Corporation ASPI-0410FS Datasheet HTML 2Page - Abracon Corporation ASPI-0410FS Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ASPI-0410FS
ELECTRICAL SPECIFICATIONS:
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 09.23.13
Visit www.abracon.com for Terms & Conditions of Sale
FEATURES:
APPLICATIONS:
• Mobile phones
• MP3 & 4 and other portable communication equipment
• Digital cameras.
4.0 x 4.0 x 1.0mm
ABRACON IS
ISO9001:2008
CERTIFIED
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
Abracon P/N:
ASPI-0410FS Series
Operating Temperature & Humidity
• Small size and low profile: 1.0mm
• Small DCR and high rated current
• High reliability to mechanical stress
• Magnetically shielded by magnetic powder molding
• Suitable for RoHS reflow profile
-40˚C to +85˚C (Including self generated heat)
Storage Temperature and Humidityin Tape and Reel
+22˚C to +28˚C, 80% RH max.
Part Number
ASPI-0410FS-
Inductance Code
Inductance
Inductance
Tolerance
DCR max
Rated DC
Current max.
Units
μH
%
mΩ
A
Symbol
L
M
DCR
IDC
ASPI-0410FS-1R0
1.0
N
100
1.80
ASPI-0410FS-2R2
2.2
N
150
1.15
ASPI-0410FS-3R3
3.3
M
180
1.10
ASPI-0410FS-4R7
4.7
M
210
0.90
ASPI-0410FS-6R8
6.8
M
300
0.74
ASPI-0410FS-100
10
M
380
0.56
ASPI-0410FS-150
15
M
510
0.47
ASPI-0410FS-220
22
M
870
0.36
ASPI-0410FS-330
33
M
1540
0.28
ASPI-0410FS-470
47
M
1810
0.24
Pb RoHS/RoHS II Compliant
Test Conditions and Equipments
1. Rated DC Current: The current when the inductance becomes 30% lower than its initial value.
2. L: HP4284A LCR meter, 100KHz, 0.25Vrms
3. DCR: milli-ohm meter
ASPI-0410FS-
-
*N for L = 1.0 and 2.2µH
*M for L = 3.3 ~ 47µH
Inductance Code
Please refer to the
Electrical Spec Table
Packaging
T35: Tape and Reel (3.5kpcs / reel)
Tolerance
N: ±30%*
M: ±20%*
PART IDENTIFICATIONS:


Similar Part No. - ASPI-0410FS

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0412FS ABRACON-ASPI-0412FS Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
01.23.14
ASPI-0412FS-100 ABRACON-ASPI-0412FS-100 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
01.23.14
ASPI-0412FS-101 ABRACON-ASPI-0412FS-101 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
01.23.14
ASPI-0412FS-120 ABRACON-ASPI-0412FS-120 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
01.23.14
ASPI-0412FS-150 ABRACON-ASPI-0412FS-150 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
01.23.14
More results

Similar Description - ASPI-0410FS

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0312FS ABRACON-ASPI-0312FS Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
11.22.11
ASPI-0418FS ABRACON-ASPI-0418FS Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
12.28.12-C
ASPI-0425 ABRACON-ASPI-0425 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
12.20.11
ASPI-0615FS ABRACON-ASPI-0615FS Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
02.04.13
ASPI-0628 ABRACON-ASPI-0628 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
03.16.12
ASPI-0840 ABRACON-ASPI-0840 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
10.04.13
ASPI-2410 ABRACON-ASPI-2410 Datasheet
1Mb / 3P
Low Profile Shielded SMD Chip Power Inductor
10.20.11
ASPI-2510 ABRACON-ASPI-2510 Datasheet
1Mb / 3P
Low Profile Shielded SMD Chip Power Inductor
09.06.11
ASPI-2515 ABRACON-ASPI-2515 Datasheet
1Mb / 3P
Low Profile Shielded SMD Chip Power Inductor
01.31.13
ASPI-5040S ABRACON-ASPI-5040S Datasheet
1Mb / 3P
Low Profile Shielded SMD Chip Power Inductor
01.24.12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com