Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-0412FS Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASPI-0412FS
Description  LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0412FS Datasheet(HTML) 2 Page - Abracon Corporation

  ASPI-0412FS Datasheet HTML 1Page - Abracon Corporation ASPI-0412FS Datasheet HTML 2Page - Abracon Corporation ASPI-0412FS Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OUTLINE DRAWING:
Dimension: mm
ASPI-0412FS
4.0 x 4.0 x 1.2mm
30332 Esperanza, Rancho Santa Margarita,California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
ABRACON IS
ISO9001:2008
CERTIFIED
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
OPTIONS AND PART IDENTIFICATION
ASPI-0412FS-
-
*N for L = 0.82 ~ 1.8µH
*M for L = 2.2 ~ 100µH
Inductance Code
Please refer to the
Electrical Spec Table
Packaging
T4: Tape and Reel
(4kpcs / reel)
Tolerance
N: ±30%*
M: ±20%*
Test Conditions:
1. Inductance: ZM2355 LCR meter or equivalent
2. RDC: HIOKI 3540 or equivalent
3. Isat : Based on inductance change (∆L/Lo : ≤ -30%)
4. Irms : Based on temperature rise (∆T : 40oC TYP. )
5. Test Freq: 100KHz, 1Vrms
Revised: 01.23.14
Pb RoHS/RoHS II Compliant
A
B
C Max.
4.0±0.2
4.0±0.2
1.2
1.6
1.2
1.2
3.7
Materials
No
Components
Material
1
Ferrite Core
Ni-Zn Ferrite
2
Wire
Polyurethane System enameled copper
wire
3
Magnetic Glue
Epoxy resin and magnetic powder
4
Plating Electrodes
Plating: Ag/Ni/Sn
5
Outer Electrodes
Top surface solder coating: Sn/Ag/Cu
Recommended Land Pattern



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com