Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI_SERIES Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI_SERIES
Description  MINI SHIELDED SMT POWER INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI_SERIES Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI_SERIES Datasheet HTML 1Page - Abracon Corporation ASPI_SERIES Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part
L
DCR (Ω) Max
IDC (A) Max
No
(µH) ASPI ASPI ASPI ASPI ASPI ASPI ASPI ASPI ASPI ASPI ASPI ASPI
- XXX ±20% 0418S 0428S 0503S 0628S 0638S 0703P 0418S 0428S 0503S 0628S 0638S 0703P
R10N
R22N
R39N
R62
1R2
1R3
1R8
2R2
2R6
2R7
3R0
3R3
3R5
3R9
4R2
4R7
5R0
5R3
5R6
6R0
6R2
6R8
7R3
7R4
8R2
8R6
8R7
100
120
150
180
220
270
330
390
470
560
680
820
101
121
151
181
471
0.10
0.22
0.39
0.62
1.2
1.3
1.8
2.2
2.6
2.7
3.0
3.3
3.5
3.9
4.2
4.7
5.0
5.3
5.6
6.0
6.2
6.8
7.3
7.4
8.2
8.6
8.7
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
470
0.20
0.21
0.24
0.34
0.40
0.44
0.69
0.71
0.92
1.08
1.30
1.56
1.73
2.39
2.67
4.00
0.024
0.028
0.031
0.043
0.049
0.065
0.072
0.101
0.109
0.118
0.128
0.132
0.149
0.166
0.235
0.261
0.378
0.384
0.587
0.625
0.699
0.915
1.020
1.270
1.350
1.540
0.016
0.024
0.031
0.038
0.045
0.053
0.065
0.076
0.103
0.110
0.122
0.175
0.189
0.212
0.260
0.305
0.355
0.463
0.520
1.15
2.69
0.024
0.027
0.031
0.035
0.054
0.058
0.065
0.070
0.084
0.095
0.128
0.142
0.165
0.210
0.238
0.277
0.304
0.390
0.535
0.020
0.024
0.027
0.031
0.034
0.038
0.053
0.057
0.092
0.096
0.109
0.124
0.138
0.155
0.202
0.234
0.324
0.358
0.0015
0.0020
0.0034
0.0097
0.0110
0.0122
0.61
0.56
0.50
0.48
0.41
0.35
0.32
0.30
0.28
0.26
0.24
0.22
0.20
0.10
0.15
0.14
2.56
2.20
2.04
1.60
1.57
1.44
1.32
1.17
1.12
1.04
1.00
0.84
0.76
0.72
0.70
0.58
0.56
0.50
0.48
0.41
0.35
0.32
0.29
0.27
0.24
0.22
2.60
2.40
2.20
1.90
1.80
1.60
1.30
1.20
1.10
1.00
0.90
0.85
0.75
0.70
0.62
0.58
0.52
0.46
0.42
0.30
0.20
3.00
2.60
2.40
2.25
2.10
1.85
1.70
1.55
1.40
1.32
1.20
1.05
0.97
0.86
0.80
0.73
0.65
0.60
0.54
3.50
2.90
2.50
2.30
2.20
2.00
1.70
1.60
1.50
1.30
1.20
1.10
1.00
0.95
0.85
0.75
0.70
0.65
25.5
22.0
19.0
11.0
10.5
9.5
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
|||||||||||||||
MINI SHIELDED SMT POWER INDUCTORS
MINI SHIELDED SMT POWER INDUCTORS
MINI SHIELDED SMT POWER INDUCTORS
ASPI SERIES : 0418S, 0428S, 0503S, 0628S, 0638S, 0703P
STANDARD SPECIFICATIONS:
TECHNICAL INFORMATION:
• L Testing Frequency: 1KHz, 0.1VRMS (except ASPI-0703P is 100KHz, 0.1VRMS)
• Add -M for ±20%, N for ±30% inductance tolerance, -T for tape and reel
• L drops 10% typical at IDC except ASPI-0703P is 30% max
• Operating Temperature: -40°C to +85°C
• See SCD for detail electrical and mechanical specification
Note: All specifications subject to change without notice.
OPTIONS:
• Tape & Reel is standard
• Bulk packaging available
• Tolerance: 20% is standard
• Custom design available
APPLICATIONS:
• Ideal for Palm-Top and Laptop
DC-DC converters
• PDA's flash memory
• Step-up, step-down converters
FEATURES:
• Magnetic shielding
• Very small foot print
• Flat-top for pick & place
• Increased size selection guide


Similar Part No. - ASPI_SERIES

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0302 ABRACON-ASPI-0302 Datasheet
2Mb / 3P
SMD Power Inductor
03.08.12
ASPI-0302-100 ABRACON-ASPI-0302-100 Datasheet
2Mb / 3P
SMD Power Inductor
03.08.12
ASPI-0302-101 ABRACON-ASPI-0302-101 Datasheet
2Mb / 3P
SMD Power Inductor
03.08.12
ASPI-0302-120 ABRACON-ASPI-0302-120 Datasheet
2Mb / 3P
SMD Power Inductor
03.08.12
ASPI-0302-121 ABRACON-ASPI-0302-121 Datasheet
2Mb / 3P
SMD Power Inductor
03.08.12
More results

Similar Description - ASPI_SERIES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM105SB ETC-PM105SB Datasheet
164Kb / 1P
Shielded, SMT Power Inductors
logo
Pulse A Technitrol Comp...
PA0040NL PULSE-PA0040NL Datasheet
73Kb / 1P
SMT POWER INDUCTORS Shielded Toroid
logo
CAMBION Electronic Comp...
555-1608 CAMBION-555-1608 Datasheet
46Kb / 2P
SMT Shielded Power Inductors
logo
Productwell Precision E...
100 PRODUCTWELL-100 Datasheet
178Kb / 4P
SHIELDED SMT POWER INDUCTORS
logo
Pulse A Technitrol Comp...
SPM2006 PULSE-SPM2006_22 Datasheet
129Kb / 2P
SMT POWER INDUCTORS Shielded Drum Core - P1167 Series
SPM2007 PULSE-SPM2007_24 Datasheet
234Kb / 2P
SMT POWER INDUCTORS Shielded Drum Core - PF0560NL Series
logo
List of Unclassifed Man...
PM5022S-101M ETC2-PM5022S-101M Datasheet
129Kb / 1P
Shielded, SMT Power Inductors
PM1608S-103M ETC2-PM1608S-103M Datasheet
115Kb / 1P
Shielded, SMT Power Inductors
logo
XFMRS Inc.
XFTPRH104-331K XFMRS-XFTPRH104-331K Datasheet
38Kb / 1P
HIGH CURRENT SHIELDED SMT INDUCTORS
logo
Pulse A Technitrol Comp...
PF0552NL PULSE-PF0552NL Datasheet
320Kb / 4P
SMT POWER INDUCTORS Shielded Drum Core
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com