Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI0428S Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASPI0428S
Description  SMD SHIELDED POWER INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI0428S Datasheet(HTML) 2 Page - Abracon Corporation

  ASPI0428S Datasheet HTML 1Page - Abracon Corporation ASPI0428S Datasheet HTML 2Page - Abracon Corporation ASPI0428S Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
|||||||||||| | | |
ASPI-0428S
Pb RoHS
Compliant
DATA PLOT:
LOW PROFILE WIRE WOUND INDUCTOR (CERAMIC BASE)
SMD SHIELDED POWER INDUCTORS
Inductance vs Frequency
Inductance vs Current
0
10
20
30
40
50
1KHz 100KHz 10MHz 40MHz 60MHz
1R8M
2R2M
4R7M
100M
330M
1R8M(μH)
1.3
1.4
1.5
1.6
1.7
1.8
0A
0.75 1.5A 2.25
2R2M(μH)
1.4
1.6
1.8
2
0A 0.66A 1.32A 1.98A
4R7M(μH)
3.5
4
4.5
5
0A
0.45 0.9A 1.35
100M(μH)
8
8.5
9
9.5
10
10.5
0A 0.36A 0.72A 1.08A
330M(μH)
26
28
30
32
34
36
0A 0.21A 0.42A 0.63A
ASPI-0428S
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
ISO 9001:2008
30332Esperanza, Rancho Santa Margarita, California 9268
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 01.11.11
Visit
www.abracon.com for Terms & Conditions of Sale



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com