Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-0504 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-0504
Description  SMD Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0504 Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-0504 Datasheet HTML 1Page - Abracon Corporation ASPI-0504 Datasheet HTML 2Page - Abracon Corporation ASPI-0504 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ASPI-0504
ELECTRICAL SPECIFICATIONS:
332
0
3
n
a
Esper za, Rancho Santa Margarita, C lifornia
a
688
2
9
tel 949-546-8000| fax 949-546-8001
m
o
c
.
n
o
c
a
r
b
a
| www.
Revised: 06.24.13
Visit
www.abracon.comfor Terms & Conditions of Sale
FEATURES:
APPLICATIONS:
5.8 x 5.2 x 4.5mm
ABRACON IS
ISO9001:2008
CERTIFIED
OPTIONS AND PART IDENTIFICATION
SMD Power Inductor
Abracon P/N:
ASPI-0504 Series
Operating Temperature:
Storage Temperature:
-40˚C to +85˚C
+5˚C to +40˚C (In Tape and Reel)
• Suitable for RoHS reflow profile
• High current rating and low DCR
• Special lead wire design to prevent open circuit failure
• Excellent terminal strength to mechanical stress
• OA equipments
• PC and notebook
• LCD TV set
• Power supply
PART NUMBER
ASPI-0504-
Inductance Code
Inductance (uH)
Test
Frequency
Tolerance
DCR (Ω) max
IDC (A) max
ASPI-0504-4R7
4.7
7.96MHz
K, M
0.04
3.50
ASPI-0504-100
10
2.52MHz
K, M
0.10
1.44
ASPI-0504-120
12
2.52MHz
K, M
0.12
1.40
ASPI-0504-150
15
2.52MHz
K, M
0.14
1.30
ASPI-0504-180
18
2.52MHz
K, M
0.15
1.23
ASPI-0504-220
22
2.52MHz
K, M
0.18
1.11
ASPI-0504-270
27
2.52MHz
K, M
0.20
0.97
ASPI-0504-330
33
2.52MHz
K, M
0.23
0.88
ASPI-0504-390
39
2.52MHz
K, M
0.32
0.80
ASPI-0504-470
47
2.52MHz
K, M
0.37
0.72
ASPI-0504-560
56
2.52MHz
K
0.42
0.68
ASPI-0504-680
68
2.52MHz
K
0.46
0.61
ASPI-0504-820
82
2.52MHz
K
0.60
0.58
ASPI-0504-101
100
1KHz
K
0.70
0.52
ASPI-0504-121
120
1KHz
K
0.93
0.48
ASPI-0504-151
150
1KHz
K
1.10
0.40
ASPI-0504-181
180
1KHz
K
1.38
0.38
ASPI-0504-221
220
1KHz
K
1.57
0.35
ASPI-0504-102
1000
1KHz
M
14.4
0.15
Test Conditions
Inductance: 100kHz
Isat: ∆L/L (initial) ≥ -10% or ΔT=40°C (Ta=20°C), whichever is lower.
RoHS/RoHS II Compliant
ASPI-0504-
-
Tolerance %
K: ± 10%
M: ± 20%
Packaging
T: Tape and Reel
(1.5kpcs / reel)
Inductance Code
Please refer to the
table above


Similar Part No. - ASPI-0504

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0503H ABRACON-ASPI-0503H Datasheet
3Mb / 3P
High Current Unshielded, SMD Power Inductors
11.09.15
ASPI-0503H-100 ABRACON-ASPI-0503H-100 Datasheet
3Mb / 3P
High Current Unshielded, SMD Power Inductors
11.09.15
ASPI-0503H-101 ABRACON-ASPI-0503H-101 Datasheet
3Mb / 3P
High Current Unshielded, SMD Power Inductors
11.09.15
ASPI-0503H-120 ABRACON-ASPI-0503H-120 Datasheet
3Mb / 3P
High Current Unshielded, SMD Power Inductors
11.09.15
ASPI-0503H-121 ABRACON-ASPI-0503H-121 Datasheet
3Mb / 3P
High Current Unshielded, SMD Power Inductors
11.09.15
More results

Similar Description - ASPI-0504

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com