Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-0520LR Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASPI-0520LR
Description  Molding Type Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0520LR Datasheet(HTML) 3 Page - Abracon Corporation

  ASPI-0520LR Datasheet HTML 1Page - Abracon Corporation ASPI-0520LR Datasheet HTML 2Page - Abracon Corporation ASPI-0520LR Datasheet HTML 3Page - Abracon Corporation ASPI-0520LR Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CIP0520LR5R6
0.00
1.00
2.00
3.00
4.00
5.00
6.00
0
1
2
3
4
5
DC Bias(A)
Satuation Current
CIP0520LR5R6
0
10
20
30
40
50
60
70
80
90
0
1
2
3
4
5
DC Bias(A)
Heat Rating Current
ASPI-0520LR-5R6
Molding Type Power Inductor
||||| | | | | | | | | | |
ASPI-0520LR
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
5.6 x 5.2 x 2.0 mm
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 11.15.11
Visit www.abracon.com for Terms & Conditions of Sale
ELECTRICAL CHARACTERISTIC CURVES
PART NUMBER IDENTIFICATION
OUTLINE DRAWING:
Recommended Land Pattern
Dimension: mm
A
B
C
5.99
2.2
2.5
ASPI-0520LR-
-
Inductance Code
Please refer to the
Electrical Spec Table
Packaging
T2: Tape and Reel (2kpcs / reel)
Tolerance
M: ±20%
A
A'
B
B'
L
W
H
1.0 ±0.4
1.5 ±0.1
2.0 ±0.3
2.5 ±0.2
5.60 ±0.35 5.2 ±0.2
2.0 ±0.1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com