Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCS2001D Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCS2001D
Description  0.9 V, Rail-to-Rail, Single Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2001D Datasheet(HTML) 2 Page - ON Semiconductor

  NCS2001D Datasheet HTML 1Page - ON Semiconductor NCS2001D Datasheet HTML 2Page - ON Semiconductor NCS2001D Datasheet HTML 3Page - ON Semiconductor NCS2001D Datasheet HTML 4Page - ON Semiconductor NCS2001D Datasheet HTML 5Page - ON Semiconductor NCS2001D Datasheet HTML 6Page - ON Semiconductor NCS2001D Datasheet HTML 7Page - ON Semiconductor NCS2001D Datasheet HTML 8Page - ON Semiconductor NCS2001D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NCS2001
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage (VCC to VEE)
VS
7.0
V
Input Differential Voltage Range (Note 1)
VIDR
VEE −300 mV to 7.0 V
V
Input Common Mode Voltage Range (Note 1)
VICR
VEE −300 mV to 7.0 V
V
Output Short Circuit Duration (Note 2)
tSc
Indefinite
sec
Junction Temperature
TJ
150
°C
Power Dissipation and Thermal Characteristics
SOT23−5 Package
Thermal Resistance, Junction−to−Air
Power Dissipation @ TA = 70°C
SC70−5 Package
Thermal Resistance, Junction−to−Air
Power Dissipation @ TA = 70°C
RqJA
PD
RqJA
PD
235
340
280
286
°C/W
mW
°C/W
mW
Storage Temperature Range
Tstg
−65 to 150
°C
ESD Protection at any Pin Human Body Model (Note 3)
VESD
2000
V
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. Either or both inputs should not exceed the range of VEE −300 mV to VEE +7.0 V.
2. Maximum package power dissipation limits must be observed to ensure that the maximum junction temperature is not exceeded.
TJ = TA + (PD RqJA).
3. ESD data available upon request.
DC ELECTRICAL CHARACTERISTICS
(VCC = 2.5 V, VEE = −2.5 V, VCM = VO = 0 V, RL to GND, TA = 25°C unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Input Offset Voltage
VCC = 0.45 V, VEE = −0.45 V
TA = 25°C
TA = 0°C to 70°C
TA = −40°C to 105°C
VCC = 1.5 V, VEE = −1.5 V
TA = 25°C
TA = 0°C to 70°C
TA = −40°C to 105°C
VCC = 2.5 V, VEE = −2.5 V
TA = 25°C
TA = 0°C to 70°C
TA = −40°C to 105°C
VIO
−6.0
−8.5
−9.5
−6.0
−7.0
−7.5
−6.0
−7.5
−7.5
0.5
−
−
0.5
−
−
0.5
−
−
6.0
8.5
9.5
6.0
7.0
7.5
6.0
7.5
7.5
mV
Input Offset Voltage Temperature Coefficient (RS = 50)
TA = −40°C to 105°C
DVIO/DT
−
8.0
−
mV/°C
Input Bias Current (VCC = 1.0 V to 5.0 V)
IIB
−
10
−
pA
Input Common Mode Voltage Range
VICR
−
VEE to VCC
−
V
Large Signal Voltage Gain
VCC = 0.45 V, VEE = −0.45 V
RL = 10 k
RL = 2.0 k
VCC = 1.5 V, VEE = −1.5 V
RL = 10 k
RL = 2.0 k
VCC = 2.5 V, VEE = −2.5 V
RL = 10 k
RL = 2.0 k
AVOL
−
−
−
−
20
15
40
20
40
40
40
40
−
−
−
−
−
−
kV/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com