Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AF031AL55NS1F Datasheet(PDF) 9 Page - STMicroelectronics

Part # M68AF031AL55NS1F
Description  256 Kbit (32K x 8) 5.0V Asynchronous SRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AF031AL55NS1F Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M68AF031AL55NS1F Datasheet HTML 5Page - STMicroelectronics M68AF031AL55NS1F Datasheet HTML 6Page - STMicroelectronics M68AF031AL55NS1F Datasheet HTML 7Page - STMicroelectronics M68AF031AL55NS1F Datasheet HTML 8Page - STMicroelectronics M68AF031AL55NS1F Datasheet HTML 9Page - STMicroelectronics M68AF031AL55NS1F Datasheet HTML 10Page - STMicroelectronics M68AF031AL55NS1F Datasheet HTML 11Page - STMicroelectronics M68AF031AL55NS1F Datasheet HTML 12Page - STMicroelectronics M68AF031AL55NS1F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9/22
M68AF031A
Table 4. Capacitance
Note: 1. Sampled only, not 100% tested.
2. At TA = 25°C, f = 1 MHz, VCC = 5.0V.
Table 5. DC Characteristics (M68AF031A-55 and M68AF031A-70)
Note: 1. Average AC current, cycling at tAVAV minimum.
2. E = VIL, VIN = VIL OR VIH.
3. E
≤ 0.2V, VIN ≤ 0.2V OR VIN ≥ VCC –0.2V.
4. Output disabled.
Symbol
Parameter(1,2)
Test
Condition
Min
Max
Unit
CIN
Input Capacitance on all pins (except DQ)
VIN = 0V
6pF
COUT
Output Capacitance
VOUT = 0V
8pF
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
ICC1
(1,2)
Operating Supply Current
VCC = 5.5V, f = 1/tAVAV,
IOUT = 0mA
50
mA
ICC2
(3)
Operating Supply Current
VCC = 5.5V, f = 1MHz,
IOUT = 0mA
5mA
ISB
Standby Supply Current CMOS
VCC = 5.5V, f = 0,
E
≥ VCC –0.2V
Range 1
0.1
5
µA
Range 6
0.1
10
µA
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
–1
1
µA
ILO
(4)
Output Leakage Current
0V
≤ VOUT ≤ VCC
–1
1
µA
VIH
Input High Voltage
2.2
VCC + 0.3
V
VIL
Input Low Voltage
–0.3
0.8
V
VOH
Output High Voltage
IOH = –1.0mA
2.4
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com