Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2732D Datasheet(PDF) 5 Page - New Japan Radio

Part # NJM2732D
Description  Full-Swing Input and Output type Dual Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2732D Datasheet(HTML) 5 Page - New Japan Radio

  NJM2732D Datasheet HTML 1Page - New Japan Radio NJM2732D Datasheet HTML 2Page - New Japan Radio NJM2732D Datasheet HTML 3Page - New Japan Radio NJM2732D Datasheet HTML 4Page - New Japan Radio NJM2732D Datasheet HTML 5Page - New Japan Radio NJM2732D Datasheet HTML 6Page - New Japan Radio NJM2732D Datasheet HTML 7Page - New Japan Radio NJM2732D Datasheet HTML 8Page - New Japan Radio NJM2732D Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NJM2732
- 5 -
Ver.2004-01-19
■ TYPICAL CHARACTERISTICS
Maximum Output Voltage
vs. Operating Voltage
-4
-3
-2
-1
0
1
2
3
4
00.5
11.5
2
2.5
3
3.5
4
Operating Voltage (V
+/V-) [V]
GV=OPEN, RL=2kΩ to 0V, Ta=25°C
+VOM
-VOM
Supply Voltage Rejection Ratio
vs. Ambient Temperature
50
60
70
80
90
100
-50
-25
0
255075
100 125
Ambient Temperature [°C]
V
+/V-=±3V to ±2V
V
+/V-=±1.2V to ±0.9V
V
+/V-=±2.0V to ±1.2V
V
+=5 to 1.8
Maximum Output Voltage
vs. Load Resistance
(correlation with Ta)
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
10
100
1000
10000
100000
Load Resistance [Ω]
V
+/V-=±2.5V, G
V=OPEN
Ta=-40°C
Ta=+25°C
Ta=+85°C
10
100
1k
10k
100k
Maximum Output Voltage
vs. Ambient Temperature
-3.5
-2.5
-1.5
-0.5
0.5
1.5
2.5
3.5
-50
-25
0
25
50
75
100 125
Ambient Temperature [℃
℃
℃
℃
]
V
+/V-=±2.5V, G
V=OPEN
RL=2kΩ
RL=20kΩ
RL=2kΩ
RL=20kΩ
Output Voltage vs. Output Current
(correlation with Ta)
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
0.11
10
100
Output Current [mA]
V
+/V-=±2.5V, G
V=OPEN
Ta=+85°C
Ta=+25°C
Ta=-40°C
ISINK
ISOURCE
Ta=-40°C
Ta=+25°C
Ta=+85°C
Common Mode Rejection Ratio
vs. Ambient Temperature
40
50
60
70
80
90
-50
-25
0
255075
100 125
Ambient Temperature [°C]
V
+/V-=±2.5V
V
+/V-=±1.5V
V
+/V-=±0.9V
VCM=V
+,0V,V-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com