Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2750 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJM2750
Description  4 INPUT / 1 OUTPUT STEREO AUDIO SELECTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2750 Datasheet(HTML) 6 Page - New Japan Radio

  NJM2750 Datasheet HTML 1Page - New Japan Radio NJM2750 Datasheet HTML 2Page - New Japan Radio NJM2750 Datasheet HTML 3Page - New Japan Radio NJM2750 Datasheet HTML 4Page - New Japan Radio NJM2750 Datasheet HTML 5Page - New Japan Radio NJM2750 Datasheet HTML 6Page - New Japan Radio NJM2750 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NJM2750
- 6 -
s
TYPICAL CHARACTERISTICS
Supply Current vs Ambient Temperature
0
1
2
3
4
5
6
7
8
9
10
-100
-50
0
50
100
150
Ambient Temperature [°C]
V+=9V
Voltage Gain vs Ambient Temperature
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-100
-50
0
50
100
150
Ambient Temperature [°C]
V+=9V Vin=1Vrms f=1kHz Ach.
Total Harmonic Distortion vs Ambient Temperature
0.001
0.01
0.1
1
-100
-50
0
50
100
150
Ambient Temperature [°C]
V+=9V Vin=1Vrms f=1kHz Ach.
Output Noise Voltage vs Ambient Temperature
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
-50
0
50
100
150
Ambient Temperature [°C]
V+=9V Rg=0ΩA-Weighted Ach.
Maximum Output Voltage vs Ambient Temperature
6
7
8
9
10
-100
-50
0
50
100
150
Ambient Temperature [°C]
V+=9V f=1kHz at THD+N =1% Ach.
Cross Talk vs Ambient Temperature
0
10
20
30
40
50
60
70
80
90
100
110
120
-100
-50
0
50
100
150
Ambient Temperature [°C]
V+=9V Vin=1Vrms f=1kHz A-Weighted Ach.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com