Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP500SQL25T1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP500SQL25T1
Description  150 mA CMOS Low Noise Low-Dropout Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP500SQL25T1 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP500SQL25T1 Datasheet HTML 1Page - ON Semiconductor NCP500SQL25T1 Datasheet HTML 2Page - ON Semiconductor NCP500SQL25T1 Datasheet HTML 3Page - ON Semiconductor NCP500SQL25T1 Datasheet HTML 4Page - ON Semiconductor NCP500SQL25T1 Datasheet HTML 5Page - ON Semiconductor NCP500SQL25T1 Datasheet HTML 6Page - ON Semiconductor NCP500SQL25T1 Datasheet HTML 7Page - ON Semiconductor NCP500SQL25T1 Datasheet HTML 8Page - ON Semiconductor NCP500SQL25T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NCP500
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (Vin = 3.1 V, Cin = 1.0 mF, Cout = 1.0 mF, for typical value TA = 25°C, for min and max
values TA = −40°C to 85°C, Tjmax = 125°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
−2.6 V
Output Voltage
(TA =−40°C to 85°C, Iout = 1.0 mA to 150 mA)
Vout
2.535
2.6
2.665
V
Line Regulation (Vin = 3.0 V to 6.0 V, Iout = 1.0 mA)
Regline
1.0
10
mV
Load Regulation (Iout = 1.0 mA to 150 mA)
Regload
15
45
mV
Dropout Voltage (Measured at Vout 2.0%, TA = −40°C to 85°C)
(Iout = 1.0 mA)
(Iout = 75 mA)
(Iout = 150 mA)
VinVout
2.0
10
mV
Output Short Circuit Current
Iout(max)
200
540
700
mA
Ripple Rejection
(Vin = Vout (nom.) + 1.0 V + 0.5 Vpp, f = 1.0 kHz, Io = 60 mA)
RR
62
dB
Quiescent Current
(Enable Input = 0 V)
(Enable Input = 0.9 V, Iout = 1.0 mA)
(Enable Input = 0.9 V, Iout = 150 mA)
IQ
0.01
180
180
1.0
300
300
mA
Enable Input Threshold Voltage
(Voltage Increasing, Output Turns On, Logic High)
(Voltage Decreasing, Output Turns Off, Logic Low)
Vth(EN)
0.9
0.15
V
Enable Input Bias Current
IIB(EN)
3.0
100
nA
Output Turn On Time (Enable Input = 0 V to Vin)
20
100
ms
ELECTRICAL CHARACTERISTICS (Vin = 3.2 V, Cin = 1.0 mF, Cout = 1.0 mF, for typical value TA = 25°C, for min and max
values TA = −40°C to 85°C, Tjmax = 125°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
−2.7 V
Output Voltage
(TA =−40°C to 85°C, Iout = 1.0 mA to 150 mA)
Vout
2.633
2.7
2.768
V
Line Regulation (Vin = 3.2 V to 6.0 V, Iout = 1.0 mA)
Regline
1.0
10
mV
Load Regulation (Iout = 1.0 mA to 150 mA)
Regload
15
45
mV
Dropout Voltage (Measured at Vout 2.0%, TA = −40°C to 85°C)
(Iout = 1.0 mA)
(Iout = 75 mA)
(Iout = 150 mA)
VinVout
2.0
90
180
10
160
260
mV
Output Short Circuit Current
Iout(max)
200
540
700
mA
Ripple Rejection
(Vin = Vout (nom.) + 1.0 V + 0.5 Vpp, f = 1.0 kHz, Io = 60 mA)
RR
62
dB
Quiescent Current
(Enable Input = 0 V)
(Enable Input = 0.9 V, Iout = 1.0 mA)
(Enable Input = 0.9 V, Iout = 150 mA)
IQ
0.01
185
185
1.0
300
300
mA
Enable Input Threshold Voltage
(Voltage Increasing, Output Turns On, Logic High)
(Voltage Decreasing, Output Turns Off, Logic Low)
Vth(EN)
0.9
0.15
V
Enable Input Bias Current
IIB(EN)
3.0
100
nA
Output Turn On Time (Enable Input = 0 V to Vin)
20
100
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com