Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP227GY Datasheet(PDF) 1 Page - Analog Devices

Part # OP227GY
Description  Dual, Low Noise, Low Offset Instrumentation Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP227GY Datasheet(HTML) 1 Page - Analog Devices

  OP227GY Datasheet HTML 1Page - Analog Devices OP227GY Datasheet HTML 2Page - Analog Devices OP227GY Datasheet HTML 3Page - Analog Devices OP227GY Datasheet HTML 4Page - Analog Devices OP227GY Datasheet HTML 5Page - Analog Devices OP227GY Datasheet HTML 6Page - Analog Devices OP227GY Datasheet HTML 7Page - Analog Devices OP227GY Datasheet HTML 8Page - Analog Devices OP227GY Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
OP227
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Dual, Low Noise, Low Offset
Instrumentation Operational Amplifier
PIN CONNECTIONS
NOTE
DEVICE MAY BE OPERATED EVEN IF INSERTION
IS REVERSED; THIS IS DUE TO INHERENT SYMMETRY
OF PIN LOCATIONS OF AMPLIFIERS A AND B
V–(A) AND V–(B) ARE INTERNALLY CONNECTED VIA
SUBSTRATE RESISTANCE
1.
2.
NULL (A)
NULL (A)
–IN (A)
+IN (A)
V– (B)
OUT (B)
V+ (B)
1
V+ (A)
OUT (A)
V– (A)
+IN (B)
–IN (B)
NULL (B)
NULL (B)
A
B
2
3
4
5
6
7
14
13
12
11
10
9
8
FEATURES
Excellent Individual Amplifier Parameters
Low VOS, 80
V Max
Offset Voltage Match, 80
V Max
Offset Voltage Match vs. Temperature, 1
V/ C Max
Stable VOS vs. Time, 1 V/MO Max
Low Voltage Noise, 3.9 nV/
÷Hz Max
Fast, 2.8 V/ s Typ
High Gain, 1.8 Million Typ
High Channel Separation, 154 dB Typ
GENERAL DESCRIPTION
The OP227 is the first dual amplifier to offer a combination of
low offset, low noise, high speed, and guaranteed amplifier matching
characteristics in one device. The OP227, with a VOS match of
25
mV typical, a TCVOS match of 0.3 mV/∞C typical and a 1/f corner
of only 2.7 Hz is an excellent choice for precision low noise designs.
These dc characteristics, coupled with a slew rate of 2.8 V/
ms
typical and a small-signal bandwidth of 8 MHz typical, allow the
designer to achieve ac performance previously unattainable with
op amp based instrumentation designs.
When used in a three op amp instrumentation configuration, the
OP227 can achieve a CMRR in excess of 100 dB at 10 kHz. In
addition, this device has an open-loop gain of 1.5 M typical with
a 1 k
W load. The OP227 also features an IB of ±10 nA typical,
an IOS of 7 nA typical, and guaranteed matching of input currents
SIMPLIFIED SCHEMATIC
NON
INVERTING
INPUT (+)
INVERTING
INPUT (–)
Q3
Q6
Q1A Q1B
Q2B
Q2A
R1*
R3
NULL
R4
R2*
*R1 AND R2 ARE PREMATURELY ADJUSTED AT WAFER TEST FOR MINIMUM OFFSET VOLTAGE.
Q21
Q11
Q12
Q27
C2
Q23
Q24
R23
R24
Q28
R5
C3
R11 C4
R12
R9
Q22
C1
Q20 Q19
Q26
Q45
Q46
OUTPUT
V-
V+
between amplifiers. These outstanding input current specifications
are realized through the use of a unique input current cancellation
circuit which typically holds IB and IOS to
±20 nA and 15 nA
respectively over the full military temperature range.
Other sources of input referred errors, such as PSRR and CMRR,
are reduced by factors in excess of 120 dB for the individual
amplifiers. DC stability is assured by a long-term drift application
of 1.0
mV/month.
Matching between channels is provided on all critical param-
eters including offset voltage, tracking of offset voltage versus
temperature, noninverting bias current, CMRR, and power
supply rejection ratio. This unique dual amplifier allows the
elimination of external components for offset nulling and
frequency compensation.


Similar Part No. - OP227GY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OP227GN ETC2-OP227GN Datasheet
100Kb / 9P
MICROCIRCUIT, LINEAR, LOW NOISE OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
More results

Similar Description - OP227GY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-200 AD-OP-200 Datasheet
602Kb / 10P
DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP-227 AD-OP-227 Datasheet
735Kb / 12P
DUAL, LOW-NOISE LOW OFFSET INSTRUMENTATION OPERATIONAL AMPLIFIER
OP200 AD-OP200_04 Datasheet
393Kb / 12P
Dual Low Offset, Low Power Operational Amplifier
REV. B
logo
TAITRON Components Inco...
LM358A TAITRON-LM358A Datasheet
634Kb / 10P
Dual Low Offset Operational Amplifier
logo
Texas Instruments
SM73308 TI1-SM73308 Datasheet
1Mb / 22P
SM73308 Low Offset, Low Noise, RRO Operational Amplifier
logo
Analog Devices
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
Dual Low Offset, Low Power Operational Amplifier
Rev. E
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP227 AD-OP227_15 Datasheet
487Kb / 16P
Dual, Low Noise, Low Offset Instrumentation Operational Amplifier
REV. A
logo
Texas Instruments
SM73308 TI-SM73308_15 Datasheet
1Mb / 26P
Low Offset, Low Noise, RRO Operational Amplifier
logo
Analog Devices
OP227 AD-OP227_17 Datasheet
557Kb / 6P
Dual, Low-Offset Low Noise Operational Amplifier
18-Jul-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com