Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA703NA/250 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA703NA/250
Description  CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA703NA/250 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA703NA/250 Datasheet HTML 4Page - Texas Instruments OPA703NA/250 Datasheet HTML 5Page - Texas Instruments OPA703NA/250 Datasheet HTML 6Page - Texas Instruments OPA703NA/250 Datasheet HTML 7Page - Texas Instruments OPA703NA/250 Datasheet HTML 8Page - Texas Instruments OPA703NA/250 Datasheet HTML 9Page - Texas Instruments OPA703NA/250 Datasheet HTML 10Page - Texas Instruments OPA703NA/250 Datasheet HTML 11Page - Texas Instruments OPA703NA/250 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
OPA703, OPA704
9
SBOS180A
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = ±5V, and RL = 20kΩ, unless otherwise noted.
OPA703 SMALL SIGNAL STEP RESPONSE
(G = +1V/V, R
L = 20kΩ, CL = 100pF)
5
µs/div
OPA704 SMALL SIGNAL STEP RESPONSE
(G = +5V/V, C
F = 3pF, RF = 100kΩ,
C
L = 100pF, RL = 20kΩ,)
5
µs/div
OPA703 LARGE SIGNAL STEP RESPONSE
(G = +1V/V, R
L = 20kΩ, CL = 100pF)
10
µs/div
OPA704 LARGE SIGNAL STEP RESPONSE
(G = +5V/V, R
L = 20kΩ, CF = 3pF, CL = 100pF)
2
µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com