Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA2846 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2846
Description  Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2846 Datasheet(HTML) 1 Page - Texas Instruments

  OPA2846 Datasheet HTML 1Page - Texas Instruments OPA2846 Datasheet HTML 2Page - Texas Instruments OPA2846 Datasheet HTML 3Page - Texas Instruments OPA2846 Datasheet HTML 4Page - Texas Instruments OPA2846 Datasheet HTML 5Page - Texas Instruments OPA2846 Datasheet HTML 6Page - Texas Instruments OPA2846 Datasheet HTML 7Page - Texas Instruments OPA2846 Datasheet HTML 8Page - Texas Instruments OPA2846 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
FEATURES
D HIGH BANDWIDTH: 300MHz (G = +10)
D LOW INPUT VOLTAGE NOISE: 1.2nV/√Hz
D VERY LOW DISTORTION: –100dBc (5MHz)
D HIGH SLEW RATE: 600V/µs
D HIGH DC ACCURACY: VIO = 150µV
D LOW SUPPLY CURRENT: 12.6mA/ch
D HIGH GAIN BANDWIDTH PRODUCT: 1650MHz
D STABLE FOR GAINS ≥ +7V/V
APPLICATIONS
D HIGH DYNAMIC RANGE ADC PREAMPS
D LOW-NOISE, WIDEBAND, TRANSIMPEDANCE
AMPLIFIERS
D WIDEBAND, HIGH GAIN AMPLIFIERS
D LOW-NOISE DIFFERENTIAL RECEIVERS
D VDSL LINE RECEIVERS
D ULTRASOUND CHANNEL AMPLIFIERS
D SECURITY SENSOR FRONT ENDS
DESCRIPTION
The OPA2846 provides two very low-noise, high gain
bandwidth, voltage-feedback op amps in a single
package. Operating from a low 12.6mA/channel quiescent
current, each channel provides a 1.2nV/
√Hz input voltage
noise with a 1.65GHz gain bandwidth product. Minimum
stable gain is specified at +7V/V while exceptional flatness
is ensured at a gain of +10V/V.
The combination of low noise, high slew rate (600V/
µs)
and broad bandwidth allow very high SFDR differential
receivers to be implemented. Additionally, decompen-
sated, low-noise, voltage-feedback op amps are ideal for
broadband transimpedance requirements. The dual chan-
nel OPA2846 provides matched channels for high-speed
transimpedance requirements. With over 200MHz band-
width at a gain of 20dB, excellent gain and phase matching
are provided at IF frequencies for matched I and Q channel
amplifiers.
OPA2846 RELATED PRODUCTS
SINGLES
INPUT NOISE
VOLTAGE (nV/
√Hz)
GAIN BANDWIDTH
PRODUCT (MHz)
OPA842
2.6
200
OPA843
2.0
800
OPA846
1.2
1750
OPA847
0.85
3900
Differential, 14-Bit, ADC Driver
Single−to−Differential
Gain of 10
Power−supply decoup ling
not sho wn.
1/2
OP A28 46
L
+5V
L
R
1
R
1
R
2
R
2
C
V
−
V+
14−Bit
10MSPS
ADS850
2.1pF
1/2
OP A2 84 6
500
Ω
−5V
18pF
1000pF
1000pF
18p F
0.1
µF
100
Ω
100
Ω
100
Ω
500
Ω
2.1pF
C1
C
1
V
I
50
Ω
1:2
100
Ω
V
CM
−80
−85
−90
−95
−100
−105
−110
Frequency (MHz)
110
V
O =2VPP Differential
3rd−Harmonic
2nd−Harmonic
OPA2846
SBOS274A −JUNE 2003 − REVISED MARCH 2004
Dual, Wideband, Low-Noise, Voltage-Feedback
Operational Amplifier
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2003-2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - OPA2846

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2846 TI-OPA2846 Datasheet
558Kb / 21P
Quad, Differential I/O, 2X1 Multiplexed High Gain Preamp
OPA2846 TI1-OPA2846 Datasheet
566Kb / 23P
Quad, Differential I/O, 2X1 Multiplexed High Gain Preamp
OPA2846 TI1-OPA2846 Datasheet
707Kb / 30P
Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA2846 TI2-OPA2846 Datasheet
590Kb / 32P
Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
REVISED AUGUST 2008
OPA2846ID TI1-OPA2846ID Datasheet
707Kb / 30P
Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
More results

Similar Description - OPA2846

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2650 BURR-BROWN-OPA2650 Datasheet
215Kb / 12P
Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA2686 BURR-BROWN-OPA2686 Datasheet
171Kb / 18P
Dual, Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA847IDRG4 TI-OPA847IDRG4 Datasheet
867Kb / 30P
Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA2650 TI1-OPA2650 Datasheet
169Kb / 13P
Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA686 TI1-OPA686 Datasheet
170Kb / 16P
Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
OPA846 TI1-OPA846_15 Datasheet
866Kb / 29P
Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com