Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA703NA/3K Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA703NA/3K
Description  CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA703NA/3K Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA703NA/3K Datasheet HTML 4Page - Texas Instruments OPA703NA/3K Datasheet HTML 5Page - Texas Instruments OPA703NA/3K Datasheet HTML 6Page - Texas Instruments OPA703NA/3K Datasheet HTML 7Page - Texas Instruments OPA703NA/3K Datasheet HTML 8Page - Texas Instruments OPA703NA/3K Datasheet HTML 9Page - Texas Instruments OPA703NA/3K Datasheet HTML 10Page - Texas Instruments OPA703NA/3K Datasheet HTML 11Page - Texas Instruments OPA703NA/3K Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
OPA703, OPA704
10
SBOS180A
APPLICATIONS INFORMATION
OPA703 and OPA704 series op amps can operate on 160
µA
quiescent current from a single (or split) supply in the range
of 4V to 12V (
±2V to ±6V), making them highly versatile
and easy to use. The OPA703 is unity-gain stable and offers
1MHz bandwidth and 0.6V/
µs slew rate. The OPA704 is
optimized for gains of 5 or greater with a 3MHz bandwidth
and 3V/
µs slew rate.
Rail-to-rail input and output swing helps maintain dynamic
range, especially in low supply applications. Figure 1 shows
the input and output waveforms for the OPA703 in unity-
gain configuration. Operation is from a
±5V supply with a
100k
Ω load connected to V
S/ 2. The input is a 10Vp-p
sinusoid. Output voltage is approximately 10Vp-p.
Power-supply pins should be bypassed with 1000pF ceramic
capacitors in parallel with 1
µF tantalum capacitors.
OPERATING VOLTAGE
OPA703 and OPA704 series op amps are fully specified and
guaranteed from +4V to +12V over a temperature range of
–40ºC to +85ºC. Parameters that vary significantly with
operating voltages or temperature are shown in the Typical
Performance Curves.
RAIL-TO-RAIL INPUT
The input common-mode voltage range of the OPA703 series
extends 300mV beyond the supply rails at room temperature.
This is achieved with a complementary input stage—an N-
channel input differential pair in parallel with a P-channel
differential pair, as shown in Figure 2. The N-channel pair is
active for input voltages close to the positive rail, typically
(V+) – 2.0V to 300mV above the positive supply, while the P-
channel pair is on for inputs from 300mV below the negative
supply to approximately (V+) – 1.5V. There is a small
transition region, typically (V+) – 2.0V to (V+) – 1.5V, in
which both pairs are on. This 500mV transition region can
vary
±100mV with process variation. Thus, the transition
region (both stages on) can range from (V+) – 2.1V to (V+)
– 1.4V on the low end, up to (V+) – 1.9V to (V+) – 1.6V on
the high end. Within the 500mV transition region PSRR,
CMRR, offset voltage, and offset drift, and THD may vary
compared to operation outside this region.
FIGURE 2. Simplified Schematic.
FIGURE 1. Rail-to-Rail Input and Output.
Input
Output (inverted on scope)
G = +1, V
S = ±5V
200
µs/div
V
O
V–
V+
V
IN+
V
IN–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com