Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJ303PL Datasheet(PDF) 2 Page - ZP Semiconductor

Part # CJ303PL
Description  SOT-89-3L Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJ303PL Datasheet(HTML) 2 Page - ZP Semiconductor

  CJ303PL Datasheet HTML 1Page - ZP Semiconductor CJ303PL Datasheet HTML 2Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Transition frequency
fT
VCE=-5V,IC=-100mA,
f=100MHz
100
MHz
Collector input capacitance
Cib
VEB=-0.5V,IC=0, f=1MHz
650
pF
Collector outtput capacitance
Cob
VCB=-3V,IE=0, f=1MHz
100
pF
Turn on time
ton
VCC=-10V, IC=-1A, IB1=
-100mA,RL=3Ω
35
ns
Turn off time
toff
VCC=-10V, IC=1A, IB1=
IB2=-100mA,RL=3Ω
225
ns
*Pulse width=300μs, Duty cycle<2%.
2 of 2
sales@zpsemi.com
www.zpsemi.com
CJ303PL



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com