Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP747AR Datasheet(PDF) 1 Page - Analog Devices

Part # OP747AR
Description  Precision Micropower Single-Supply Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP747AR Datasheet(HTML) 1 Page - Analog Devices

  OP747AR Datasheet HTML 1Page - Analog Devices OP747AR Datasheet HTML 2Page - Analog Devices OP747AR Datasheet HTML 3Page - Analog Devices OP747AR Datasheet HTML 4Page - Analog Devices OP747AR Datasheet HTML 5Page - Analog Devices OP747AR Datasheet HTML 6Page - Analog Devices OP747AR Datasheet HTML 7Page - Analog Devices OP747AR Datasheet HTML 8Page - Analog Devices OP747AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
OP777/OP727/OP747
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
FEATURES
Low Offset Voltage: 100
V Max
Low Input Bias Current: 10 nA Max
Single-Supply Operation: 2.7 V to 30 V
Dual-Supply Operation:
1.35 V to
15 V
Low Supply Current: 300
A/Amp Max
Unity Gain Stable
No Phase Reversal
APPLICATIONS
Current Sensing (Shunt)
Line or Battery-Powered Instrumentation
Remote Sensors
Precision Filters
OP727 SOIC Pin-Compatible with LT1013
GENERAL DESCRIPTION
The OP777 , OP727 , and OP747 are precision single , dual,
and quad rail-to-rail output single- supply amplifiers featuring
micropower operation and rail-to-rail output ranges.
These
amplifier sprovideimprovedperformanceovertheindustry
-standard
OP07 with
±15 V supplies ,andofferthefurtheradvantageoftrue
single -supply operation down to 2.7 V , and smaller package
options than any other high-voltage precision bipolar amplifier.
Outputs are stable with capacitive loads of over 500 pF. Supply
current is less than 300
µA per amplifier at 5 V. 500 Ω series resis-
tors protect the inputs, allowing input signal levels several volts above
the positive supply without phase reversal.
Applications for these amplifiers include both line-powered and
portable instrumentation, remote sensor signal conditioning, and
precision filters.
The OP777, OP727, and OP747 are specified over the extended
industrial (–40
°C to +85°C) temperature range. The OP777,
single, is available in 8-lead MSOP and 8-lead SOIC packages.
The OP747, quad, is available in 14-lead TSSOP and narrow
14-lead SO packages.Surface-mountdevicesinTSSOPand
MSOP
packages are available in tape and reel only.
The OP727, dual, is available in 8-lead TSSOP and 8-lead
SOIC packages. The OP727 8-lead SOIC pin configuration
differs from the standard 8-lead operational amplifier pinout.
FUNCTIONAL BLOCK DIAGRAMS
8-Lead MSOP
(RM-8)
IN
IN
V
V+
OUT
NC
NC
1
45
8
OP777
NC
NC = NO CONNECT
8-Lead SOIC
(R-8)
1
2
3
4
8
7
6
5
IN
V
+IN
V+
OUT
NC
NC
NC
NC = NO CONNECT
OP777
8-Lead TSSOP
(RU-8)
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
OUT A
–IN A
IN A
V–
V
OUT B
–IN B
IN B
OP727
14-Lead SOIC
(R-14)
TOP VIEW
(Not to Scale)
14
13
12
11
10
9
8
1
2
3
4
5
6
7
–IN A
IN A
V
IN B
–IN B
OUT B
OUT D
–IN D
IN D
V–
IN C
–IN C
OUT C
OUT A
OP747
14-Lead TSSOP
(RU-14)
TOP VIEW
(Not to Scale)
14
13
12
11
10
9
8
1
2
3
4
5
6
7
–IN A
IN A
V
IN B
–IN B
OUT B
OUT D
–IN D
IN D
V–
IN C
–IN C
OUT C
OUT A
OP747
Precision Micropower
Single-Supply Operational Amplifiers
8-Lead SOIC
(R-8)
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
–IN B
IN A
V–
V
OUT B
–IN A
OP727
IN B
OUT A
NOTE: THIS PIN CONFIGURATION DIFFERS
FROM THE STANDARD 8-LEAD
OPERATIONAL AMPLIFIER PINOUT.


Similar Part No. - OP747AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP747AR AD-OP747AR Datasheet
177Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. C
OP747ARU AD-OP747ARU Datasheet
177Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. C
OP747ARU AD-OP747ARU Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP747ARU AD-OP747ARU Datasheet
210Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV.D
OP747ARU-REEL AD-OP747ARU-REEL Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
More results

Similar Description - OP747AR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA241 BURR-BROWN-OPA241 Datasheet
268Kb / 10P
Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP727ARUZ AD-OP727ARUZ Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP727ARZ AD-OP727ARZ Datasheet
177Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. C
OP747ARZ AD-OP747ARZ Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
logo
Texas Instruments
OPA2241PAG4 TI-OPA2241PAG4 Datasheet
985Kb / 21P
Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP727 AD-OP727_15 Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP747 AD-OP747_15 Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP777 AD-OP777_15 Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
logo
Texas Instruments
OPA244 TI1-OPA244 Datasheet
1Mb / 26P
MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV.D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com