Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847PN Datasheet(PDF) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # BC847PN
Description  Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

BC847PN Datasheet(HTML) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  BC847PN Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. BC847PN Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page:P2-P2
Plastic-Encapsulate Transistors
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
Electrical Characteristics
NPN BC847B Section
@ TA = 25°C unless otherwise specified
Notes:
2. Short duration pulse test used to minimize self-heating effect.
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage (Note 2)
V(BR)CBO
50
—
—
V
IC = 10
mA, IB = 0
Collector-Emitter Breakdown Voltage (Note 2)
V(BR)CEO
45
—
—
V
IC = 10mA, IB = 0
Emitter-Base Breakdown Voltage (Note 2)
V(BR)EBO
6—
—
V
IE = 1
mA, IC = 0
DC Current Gain (Note 2)
hFE
200
290
450
—
VCE = 5.0V, IC = 2.0mA
Collector-Emitter Saturation Voltage (Note 2)
VCE(SAT)
—
90
200
250
600
mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5.0mA
Base-Emitter Saturation Voltage (Note 2)
VBE(SAT)
—
700
900
—mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5.0mA
Base-Emitter Voltage (Note 2)
VBE(ON)
580
—
660
—
700
720
mV
VCE = 5.0V, IC = 2.0mA
VCE =5.0V, IC = 10mA
Collector-Cutoff Current (Note 2)
ICBO
ICBO
—
—
—
—
15
5.0
nA
µA
VCB = 30V
VCB = 30V, TA = 150°C
Gain Bandwidth Product
fT
100
300
—
MHz
VCE = 5.0V, IC = 10mA,
f = 100MHz
Collector-Base Capacitance
CCBO
—
3.5
6.0
pF
VCB = 10V, f = 1.0MHz
Noise Figure
NF
—
2.0
10
dB
VCE = 5V, IC = 200µA,
RG = 2.0k
W,
f = 1.0kHz,
Df = 200Hz
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage (Note 2)
V(BR)CBO
-50
—
—
V
IC = 10
mA, IB = 0
Collector-Emitter Breakdown Voltage (Note 2)
V(BR)CEO
-45
—
—
V
IC = 10mA, IB = 0
Emitter-Base Breakdown Voltage (Note 2)
V(BR)EBO
-5
—
—
V
IE = 1
mA, IC = 0
DC Current Gain (Note 2)
hFE
220
290
475
—
VCE = 5.0V, IC = 2.0mA
Collector-Emitter Saturation Voltage (Note 2)
VCE(SAT)
—
-75
-250
-300
-650
mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5.0mA
Base-Emitter Saturation Voltage (Note 2)
VBE(SAT)
—
-700
-850
—
-950
mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5.0mA
Base-Emitter Voltage (Note 2)
VBE(ON)
-600
—
-650
—
-750
-820
mV
VCE = 5.0V, IC = 2.0mA
VCE =5.0V, IC = 10mA
Collector-Cutoff Current (Note 2)
ICBO
ICBO
—
—
—
—
-15
-4.0
nA
µA
VCB = 30V
VCB = 30V, TA = 150°C
Gain Bandwidth Product
fT
100
200
—
MHz
VCE = 5.0V, IC = 10mA,
f = 100MHz
Collector-Base Capacitance
CCBO
—
3
4.5
pF
VCB = 10V, f = 1.0MHz
Noise Figure
NF
—
—
10
dB
VCE = 5V, IC = 200µA,
RG = 2.0k
W,
f = 1.0kHz,
Df = 200Hz
Electrical Characteristics
PNP BC857B Section
@ TA = 25°C unless otherwise specified



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com