Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDT5551 Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # MMDT5551
Description  Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

MMDT5551 Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  MMDT5551 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. MMDT5551 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
FEATURES
Epitaxial Planar Die Construction
Complementary PNP Type Available(MMDT5401)
Ideal for Medium Power Amplification and Switching
MARKING: K4N
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
180
V
Collector-Emitter Voltage
V
CEO
160
V
Emitter-Base Voltage
V
EBO
6
V
Collector Current -Continuous
I
C
200
Collector Power Dissipation
I
C
200
Junction Temperature
T
J
150
Storage Temperature
Tstg
-55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
VCBO
IC=100μA,IE=0
180
V
Collector-emitter breakdown voltage
VCEO
IC=1mA , IB=0
160
V
Emitter-base breakdown voltage
VEBO
IE=10μA, IC=0
6
V
Collector cut-off current
ICBO
VCB=120V, IE=0
0.05
μA
Emitter cut-off current
IEBO
VEB=4V, IC=0
0.05
μA
DC current gain
hFE(1)
VCE=5 V,
IC=1mA
80
hFE(2)
VCE=5 V,
IC=10mA
100
300
hFE(3)
VCE=5 V,
IC=50mA
30
Collector-emitter saturation voltage
VCE(sat)1
IC=10mA, IB=1mA
0.15
V
VCE(sat)2
IC=50mA, IB=5mA
0.2
V
Base-emitter saturation voltage
VBE(sat)1
IC=10mA, IB=1mA
1
V
VBE(sat)2
IC=50mA, IB=5mA
1
V
Transition frequency
f T
VCE=10V, IC=10mA,f=100MHz
100
300
MHz
Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
6
pF
Noise Figure
NF
VCE=5V, IC=0.2mA,
RS=1KΩ,f =1kHz
8
dB
MMDT5551(NPN)
E
2
B
2
C
1
C
2
B
1
E
1
SOT-363
mW
mA


Similar Part No. - MMDT5551

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT5551 DIODES-MMDT5551 Datasheet
41Kb / 2P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30172 Rev. C-1
MMDT5551 DIODES-MMDT5551 Datasheet
78Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30172 Rev. 7 - 2
logo
Micro Commercial Compon...
MMDT5551 MCC-MMDT5551 Datasheet
114Kb / 2P
Plastic-Encapsulate Transistors
logo
Diodes Incorporated
MMDT5551 DIODES-MMDT5551 Datasheet
180Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 8 - 2
logo
Micro Commercial Compon...
MMDT5551 MCC-MMDT5551 Datasheet
215Kb / 2P
Plastic-Encapsulate Transistors
More results

Similar Description - MMDT5551

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com