Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMST3904 Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # MMST3904
Description  Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

MMST3904 Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  MMST3904 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. MMST3904 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
FEATURES
Power dissipation.(P C=0.2W)
APPLICATIONS
Audio frequency general purpose amplifier.
Marking: K2N
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
60
V
Collector-Emitter Voltage
V
CEO
40
V
Emitter-Base Voltage
V
EBO
5
V
Collector Current -Continuous
I
C
200
mA
Collector Power Dissipation
PC
200
mW
Storage Temperature
Tstg
-55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Uax
Unit
Collector-base breakdown voltage
VCBO
IC=10μA,IE=0
60
V
Collector-emitter breakdown voltage
VCEO
IC=1mA,IB=0
40
V
Emitter-base breakdown voltage
VEBO
IE=10μA,IC=0
5
V
Collector cut-off current
ICBO
VCB=60V,IE=0
0.05
μA
Collector cut-off current
ICEO
VCE=40V,IB=0
0.5
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.05
μA
DC current gain
hFE
VCE=1V,IC=0.1mA
VCE=1V,IC=1mA
VCE=1V,IC=10mA
VCE=1V,IC=50mA
VCE=1V,IC=100mA
40
70
100
60
30
300
Collector-emitter saturation voltage
VCE(sat)
IC=10mA,IB=1mA
IC=50mA,IB=5mA
0.25
0.3
V
Base-emitter saturation voltage
VBE(sat)
IC=10mA,IB=1mA
IC=50mA,IB=5mA
0.65
0.85
0.95
V
Transition frequency
fT
VCE=20V, IE= 10mA
f=100MHz
300
MHz
Collector output capacitance
Cob
VCB=5V, IE=0,f=1MHz
4
pF
Noise figure
NF
VCE=5V,IC=0.1mA,
f=1KHz,Rg=1KΩ
5
dB
Delay time
td
VCC=3V,VBE=0.5V,
IC=10mA,IB=1mA
35
nS
Rise time
tr
35
nS
Storage time
ts
VCC=3V,IC=10mA,
IB1=IB2=1mA
200
nS
Fall time
tf
50
nS
MMST3904(NPN)
1. BASE
2. EMITTER
SOT-323
3. COLLECTO


Similar Part No. - MMST3904

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMST3904 TRSYS-MMST3904 Datasheet
166Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Rohm
MMST3904 ROHM-MMST3904 Datasheet
90Kb / 4P
NPN General Purpose Transistor
logo
Diodes Incorporated
MMST3904 DIODES-MMST3904 Datasheet
58Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30082 Rev. 3P-1
MMST3904 DIODES-MMST3904 Datasheet
441Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30082 Rev. 10 - 2
MMST3904 DIODES-MMST3904 Datasheet
322Kb / 9P
150 mA LOAD SWITCH FEATURING COMPLEMENTARY BIPOLAR TRANSISTORS
DS30749 Rev. 3 - 2
More results

Similar Description - MMST3904

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com