Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9510 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9510
Description  Hot swappable I2C and SMBus bus buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9510 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9510 Datasheet HTML 9Page - NXP Semiconductors PCA9510 Datasheet HTML 10Page - NXP Semiconductors PCA9510 Datasheet HTML 11Page - NXP Semiconductors PCA9510 Datasheet HTML 12Page - NXP Semiconductors PCA9510 Datasheet HTML 13Page - NXP Semiconductors PCA9510 Datasheet HTML 14Page - NXP Semiconductors PCA9510 Datasheet HTML 15Page - NXP Semiconductors PCA9510 Datasheet HTML 16Page - NXP Semiconductors PCA9510 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Philips Semiconductors
Product data sheet
PCA9510; PCA9511
Hot swappable I2C and SMBus bus buffer
2004 Oct 05
13
TYPICAL PERFORMANCE CHARACTERISTICS
SW02152
TEMPERATURE (
°C)
–40
+25
+85
2.5
2.3
2.1
1.9
1.7
2.4
2.2
2.0
1.8
VCC = 5.5 V
VCC = 2.7 V
VCC = 3.3 V
Figure 12. ICC versus Temperature.
SW01049
TEMPERATURE (
°C)
–40
+25
+85
12
8
4
0
10
6
2
VCC = 5 V
VCC = 2.7 V
VCC = 3.0 V
Figure 13. IPULLUPAC versus Temperature.
SW02153
TEMPERATURE (
°C)
–40
+25
+85
450
425
325
400
375
350
VCC = 5.5 V
VCC = 2.7 V
VCC = 3.3 V
CIN = COUT = 100 pF
RPULLUPIN = RPULLUPOUT = 10 kΩ
Figure 14. Input–output tPHL versus Temperature.
SW02154
RPULLUP (Ω)
10,000
20,000
30,000
100
80
60
40
90
70
50
0
40,000
VCC = 3.3 V OR 5.5 V
Figure 15. Connection circuitry VOUT – VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com