Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMST5551 Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # MMST5551
Description  Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

MMST5551 Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  MMST5551 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. MMST5551 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
FEATURES
Epitaxial planar die construction.
Complementary PNP type available(MMST5401).
Also available in lead free version.
Marking:K4N
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
180
V
Collector-Emitter Voltage
V
CEO
160
V
Emitter-Base Voltage
V
EBO
6
V
Collector Current -Continuous
I
C
600
mA
Collector Power Dissipation
PC
300
mW
Thermal resistance junction to ambient
RθJA
625
°C/W
Storage Temperature
Tstg
-55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Max
Umit
Collector-base breakdown voltage
VCBO
IC=100μA,IE=0
180
Collector-emitter breakdown voltage
VCEO
IC=0.1mA,IB=0
160
Emitter-base breakdown voltage
VEBO
IE=10μA,IC=0
6
Collector cut-off current
ICBO
IE = 0; VCB = 120V
-
50
nA
Emitter cut-off current
IEBO
IC = 0; VEB = 4V
-
50
nA
DC current gain
hFE
VCE = 5V; IC= 1mA
VCE = 5V;IC = 10mA
VCE = 5V;IC = 50 Ma
80
80
30
-
250
-
Collector-emitter saturation voltage
VCE(sat)
IC = 50 mA; IB = 5 mA
IC = 10 mA; IB = 1 mA
-
0.2
0.15
V
Base-emitter saturation voltage
VBE(sat)
IC = 50 mA; IB = 5 mA
IC = 10 mA; IB = 1 mA
-
1
1
V
Transition frequency
fT
IC = 10mA; VCE = 10V;
f
= 100MHz
80
-
MHz
MMST5551 (NPN)
1. BASE
2. EMITTER
SOT-323
3. COLLECTO


Similar Part No. - MMST5551

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMST5551 DIODES-MMST5551 Datasheet
41Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30173 Rev. B-1
MMST5551 DIODES-MMST5551 Datasheet
208Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30173 Rev. 7 - 2
logo
TRANSYS Electronics Lim...
MMST5551 TEL-MMST5551 Datasheet
103Kb / 1P
Plastic-Encapsulated Transistors
logo
Galaxy Semi-Conductor H...
MMST5551 BILIN-MMST5551 Datasheet
157Kb / 3P
NPN General Purpose Transistor
logo
Rectron Semiconductor
MMST5551 RECTRON-MMST5551 Datasheet
612Kb / 2P
SOT-323 BIPOLAR TRANSISTORS TRANSISTOR (NPN)
More results

Similar Description - MMST5551

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com