Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCSA104M050 Datasheet(PDF) 3 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # TCSA104M050
Description  CHIP TANTALUM CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

TCSA104M050 Datasheet(HTML) 3 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  TCSA104M050 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. TCSA104M050 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. TCSA104M050 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. TCSA104M050 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page:P4-P3
GUANGDONG
HOTTECH
INDUSTRIAL
CO., LTD.
HKT
Part No.
Case
Size
Capacitance
(µF)
Rated
Voltage
(V)
DCL
(µA)
Max.
DF
%
Max.
ESR
Max. (
Ω)
@100kHz
TCSV477*006
V
470
6.3
28
10
0.4
TCSE687*006
E
680
6.3
42.8
10
0.5
TCSV687*006
V
680
6.3
42.8
10
0.5
TCSV108 006
V
1000
6.3
63
16
0.4
TCSA475*010
A
4.7
10
0.5
6
5
TCSA685*010
A
6.8
10
0.7
6
4
TCSA106*010
A
10
10
1
6
3
TCSA156*010
A
15
10
1.5
6
3.2
TCSB156*010
B
15
10
1.5
6
2.8
TCSA226*010
A
22
10
2.2
8
3
TCSB226*010
B
22
10
2.2
6
2.4
TCSA336*010
A
33
10
3.3
8
1.7
TCSB336*010
B
33
10
3.3
6
1.8
TCSC336*010
C
33
10
3.3
6
1.6
TCSB476*010
B
47
10
4.7
8
1
TCSC476*010
C
47
10
4.7
6
1.2
TCSB686*010
B
68
10
6.8
6
1.4
TCSC686*010
C
68
10
6.8
6
1.3
TCSB107 010
B
100
10
10
8
1.4
TCSC107*010
C
100
10
10
8
1.2
TCSD107*010
D
100
10
10
6
0.9
TCSC157*010
C
150
10
15
8
0.9
TCSD157*010
D
150
10
15
6
0.9
TCSE157*010
E
150
10
15
8
0.9
TCSD227*010
D
220
10
22
8
0.5
TCSE227*010
E
220
10
22
8
0.5
TCSD337*010
D
330
10
33
8
0.9
TCSE337*010
E
330
10
33
8
0.9
TCSV337*010
V
330
10
33
10
0.9
TCSE477*010
E
470
10
47
10
0.5
TCSV477*010
V
470
10
47
10
0.5
TCSA225*016
A
2.2
16
0.5
6
6.5
TCSA335*016
A
3.3
16
0.5
6
5
TCSB335*016
B
3.3
16
0.5
6
4.5
TCSA475*016
A
4.7
16
0.8
6
4
TCSB475*016
B
4.7
16
0.8
6
3.5
TCSA685*016
A
6.8
16
1.1
6
3.5
TCSB685*016
B
6.8
16
1.1
6
2.5
TCSA106*016
A
10
16
1.6
8
3
TCSB106*016
B
10
16
1.6
6
2.8
TCSC106*016
C
10
16
1.6
6
2
TCSA156 016
A
15
16
2.4
6
2
TCSB156*016
B
15
16
2.4
6
2.5
TCSC156*016
C
15
16
2.4
6
1.8
TCSB226*016
B
22
16
3.5
6
2.3
TCSC226*016
C
22
16
3.5
6
1.6
TCSD226*016
D
22
16
3.5
6
1.1
TCSB336*016
B
33
16
5.3
8
2.1
TCSC336*016
C
33
16
5.3
6
1.5
TCSD336*016
D
33
16
5.3
6
0.9
TCSC476*016
C
47
16
7.5
6
1.4
TCSD476*016
D
47
16
7.5
6
0.9
TCSC686*016
C
68
16
10.9
6
1.3
TCSD686*016
D
68
16
10.9
6
0.9
TCSD107*016
D
100
16
16
6
0.9
TCSE107*016
E
100
16
16
6
0.9
TCSD157*016
D
150
16
24
6
0.9
RATINGS & PART NUMBER REFERENCE
HKT
Part No.
Case
Size
Capacitance
(µF)
Rated
Voltage
(V)
DCL
(µA)
Max.
DF
%
Max.
ESR
Max. (
Ω)
@100kHz
TCSA476*002
A
47
2.5
0.9
6
3
TCSA686*002
A
68
2.5
1.4
8
1.5
TCSB107*002
B
100
2.5
2.5
8
1.4
TCSB157*002
B
150
2.5
3
10
1.6
TCSB227*002
B
220
2.5
4.4
16
1.6
TCSD227*002
D
220
2.5
5.5
8
0.3
TCSD337*002
D
330
2.5
8.2
8
0.3
TCSC477*002
C
470
2.5
9.4
12
0.2
TCSD477*002
D
470
2.5
11.6
8
0.2
TCSD687*002
D
680
2.5
17
16
0.2
TCSE687*002
E
680
2.5
17
10
0.2
TCSD108 002
D
1000
2.5
25
20
0.2
TCSE108*002
E
1000
2.5
20
14
0.4
TCSD158*002
D
1500
2.5
37.5
60
0.2
TCSE158*002
E
1500
2.5
37
20
0.2
TCSV158*002
V
1500
2.5
30
20
0.2
TCSV228*002
V
2200
2.5
55
50
0.2
TCSA336*004
A
33
4
1.3
6
3
TCSA476*004
A
47
4
1.9
8
2.6
TCSB686*004
B
68
4
2.7
6
1.8
TCSB107*004
B
100
4
4
8
0.9
TCSB157*004
B
150
4
6
8
1.5
TCSC157*004
C
150
4
6
6
0.3
TCSB227 004
B
220
4
8.8
12
1.1
TCSC227*004
C
220
4
8.8
8
1.2
TCSD227*004
D
220
4
8.8
8
0.9
TCSC337*004
C
330
4
13.2
8
0.9
TCSD337*004
D
330
4
13.2
8
0.9
TCSD477*004
D
470
4
18.8
12
0.9
TCSE477*004
E
470
4
18.8
10
0.5
TCSD687*004
D
680
4
27.2
14
0.5
TCSE687*004
E
680
4
27.2
14
0.9
TCSD108*004
D
1000
4
40
60
0.2
TCSE108*004
E
1000
4
40
14
0.4
TCSV108*004
V
1000
4
40
16
0.4
TCSE158*004
E
1500
4
60
30
0.2
TCSV158 004
V
1500
4
60
30
0.2
TCSA106*006
A
10
6.3
0.6
6
4
TCSA156*006
A
15
6.3
0.9
6
3.5
TCSA226*006
A
22
6.3
1.4
6
3
TCSA336*006
A
33
6.3
2.1
8
2.5
TCSA476*006
A
47
6.3
2.8
10
1.6
TCSB476*006
B
47
6.3
3
6
2
TCSC476*006
C
47
6.3
3
6
1.6
TCSB686*006
B
68
6.3
4
8
0.9
TCSC686*006
C
68
6.3
4.3
6
1.5
TCSB107*006
B
100
6.3
6.3
10
1.7
TCSC107*006
C
100
6.3
6.3
6
0.9
TCSC157*006
C
150
6.3
9.5
6
1.3
TCSD157*006
D
150
6.3
9.5
6
0.9
TCSC227*006
C
220
6.3
13.9
8
1.2
TCSD227*006
D
220
6.3
13.9
8
0.9
TCSE227*006
E
220
6.3
13.9
8
0.9
TCSD337*006
D
330
6.3
20.8
8
0.4
TCSE337*006
E
330
6.3
20.8
8
0.4
TCSD477*006
D
470
6.3
28
12
0.4
TCSE477*006
E
470
6.3
28
10
0.4
5.
CHIP TANTALUM CAPACITORS
*
*
*
*
*
*



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com