Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9510DP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9510DP
Description  Hot swappable I2C and SMBus bus buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9510DP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9510DP Datasheet HTML 4Page - NXP Semiconductors PCA9510DP Datasheet HTML 5Page - NXP Semiconductors PCA9510DP Datasheet HTML 6Page - NXP Semiconductors PCA9510DP Datasheet HTML 7Page - NXP Semiconductors PCA9510DP Datasheet HTML 8Page - NXP Semiconductors PCA9510DP Datasheet HTML 9Page - NXP Semiconductors PCA9510DP Datasheet HTML 10Page - NXP Semiconductors PCA9510DP Datasheet HTML 11Page - NXP Semiconductors PCA9510DP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Philips Semiconductors
Product data sheet
PCA9510; PCA9511
Hot swappable I2C and SMBus bus buffer
2004 Oct 05
8
Hot Swapping and Capacitance Buffering
Application
Figures 9 through 11 illustrate the usage of the PCA9510 and
PCA9511 in applications that take advantage of both its hot
swapping and capacitance buffering features. In all of these
applications, note that if the I/O cards were plugged directly into the
backplane, all of the backplane and card capacitances would add
directly together, making rise- and fall-time requirements difficult to
meet. Placing a bus buffer on the edge of each card, however,
isolates the card capacitance from the backplane. For a given I/O
card, the PCA9510 and PCA9511 drive the capacitance of
everything on the card and the backplane must drive only the
capacitance of the bus buffer, which is less than 10 pF, the
connector, trace, and all additional cards on the backplane.
See Application Note
AN10160, Hot Swap Bus Buffer for more
information on applications and technical assistance.
C1
0.01
µF
R4
10 k
Ω
R5
10 k
Ω
POWER SUPPLY
HOT SWAP
I/O PERIPHERAL CARD 1
R6
10 k
Ω
ENABLE
VCC
SDAIN
SCLIN
SDAOUT
SCLOUT
READY
GND
CARD1_SDA
CARD1_SCL
R1
10 k
Ω
R2
10 k
Ω
VCC
SDA
SCL
BD_SEL
BACKPLANE
BACKPLANE
CONNECTOR
C3
0.01
µF
R8
10 k
Ω
R9
10 k
Ω
POWER SUPPLY
HOT SWAP
I/O PERIPHERAL CARD 2
R10
10 k
Ω
ENABLE
VCC
SDAIN
SCLIN
SDAOUT
SCLOUT
GND
CARD2_SDA
CARD2_SCL
C5
0.01
µF
R12
10 k
Ω
R13
10 k
Ω
POWER SUPPLY
HOT SWAP
I/O PERIPHERAL CARD N
R14
10 k
Ω
ENABLE
VCC
SDAIN
SCLIN
SDAOUT
SCLOUT
GND
CARDN_SDA
CARDN_SCL
SW02126
R11
10 k
Ω
R7
10 k
Ω
R3
10 k
Ω
READY
READY
NOTE: The PCA9510 and PCA9511 can be used in any combination depending on the number of rise time accelerators that are needed by the
system. Normally only one PCA9511 would be required per bus.
Figure 9. Hot swapping multiple I/O cards into a backplane using the PCA9510 and PCA9511 in a CompactPCI, VME, and
AdvancedTCA system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com