Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1520 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCI1520
Description  PC CARD CONTROLLERS
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1520 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCI1520 Datasheet HTML 17Page - Texas Instruments PCI1520 Datasheet HTML 18Page - Texas Instruments PCI1520 Datasheet HTML 19Page - Texas Instruments PCI1520 Datasheet HTML 20Page - Texas Instruments PCI1520 Datasheet HTML 21Page - Texas Instruments PCI1520 Datasheet HTML 22Page - Texas Instruments PCI1520 Datasheet HTML 23Page - Texas Instruments PCI1520 Datasheet HTML 24Page - Texas Instruments PCI1520 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 138 page
background image
2−7
Table 2−3. CardBus PC Card Signal Names Sorted Alphabetically
SIGNAL NAME
TERM NO.
SIGNAL NAME
TERM. NO.
SIGNAL NAME
TERM. NO.
SIGNAL NAME
PDV
GHK
SIGNAL NAME
PDV
GHK
SIGNAL NAME
PDV
GHK
A_CAD0
84
P11
A_CDEVSEL
113
N15
AD24
181
B10
A_CAD1
86
W12
A_CFRAME
119
M15
AD25
167
F12
A_CAD2
85
R11
A_CGNT
112
P18
AD26
179
F11
A_CAD3
88
U12
A_CINT
138
H19
AD27
178
E11
A_CAD4
87
V12
A_CIRDY
117
N18
AD28
176
B11
A_CAD5
90
R12
A_CPAR
107
P15
AD29
175
A11
A_CAD6
89
P12
A_CPERR
109
R18
AD30
172
C12
A_CAD7
93
U13
A_CREQ
130
K17
AD31
171
E12
A_CAD8
94
P13
A_CRST
126
L15
B_CAD0
16
H03
A_CAD9
97
R13
A_CSERR
139
H18
B_CAD1
18
H01
A_CAD10
98
U14
A_CSTOP
111
P17
B_CAD2
17
H02
A_CAD11
99
W15
A_CSTSCHG
141
H14
B_CAD3
20
J02
A_CAD12
100
P14
A_CTRDY
116
N17
B_CAD4
19
J01
A_CAD13
101
V15
A_CVS1
137
J15
B_CAD5
22
J05
A_CAD14
103
U15
A_CVS2
124
L18
B_CAD6
21
J03
A_CAD15
102
R14
A_RSVD
106
R17
B_CAD7
25
K02
A_CAD16
104
W16
A_RSVD
92
V13
B_CAD8
26
K03
A_CAD17
121
M18
A_RSVD
150
F17
B_CAD9
28
K06
A_CAD18
122
M19
AD0
13
G02
B_CAD10
30
L02
A_CAD19
123
L19
AD1
12
G03
B_CAD11
31
L03
A_CAD20
125
L17
AD2
11
H06
B_CAD12
32
L06
A_CAD21
127
L14
AD3
10
F01
B_CAD13
33
L05
A_CAD22
129
K18
AD4
9
G05
B_CAD14
35
M02
A_CAD23
131
K15
AD5
8
F02
B_CAD15
34
M01
A_CAD24
134
J18
AD6
7
F03
B_CAD16
36
M03
A_CAD25
135
J17
AD7
5
E02
B_CAD17
53
W04
A_CAD26
136
J14
AD8
3
F05
B_CAD18
54
U05
A_CAD27
145
G17
AD9
2
E03
B_CAD19
55
R06
A_CAD28
146
G14
AD10
1
D01
B_CAD20
57
V05
A_CAD29
148
F18
AD11
173
B12
B_CAD21
59
U06
A_CAD30
149
G15
AD12
208
A04
B_CAD22
60
V06
A_CAD31
151
E19
AD13
207
C05
B_CAD23
63
P08
A_CAUDIO
140
H17
AD14
206
E06
B_CAD24
65
V07
A_CBLOCK
108
N14
AD15
205
B05
B_CAD25
66
W07
A_CC/BE0
96
V14
AD16
192
C08
B_CAD26
67
R08
A_CC/BE1
105
T19
AD17
191
B08
B_CAD27
76
W10
A_CC/BE2
120
M17
AD18
190
A08
B_CAD28
77
V10
A_CC/BE3
132
K14
AD19
189
E09
B_CAD29
78
U10
A_CCD1
83
U11
AD20
188
F09
B_CAD30
79
R10
A_CCD2
144
G18
AD21
187
C09
B_CAD31
82
V11
A_CCLK
115
M14
AD22
186
B09
B_CAUDIO
72
V09
A_CCLKRUN
142
H15
AD23
184
F10
B_CBLOCK
41
N03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com