Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-0602S Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASPI-0602S
Description  SMD SHIELDED POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0602S Datasheet(HTML) 2 Page - Abracon Corporation

  ASPI-0602S Datasheet HTML 1Page - Abracon Corporation ASPI-0602S Datasheet HTML 2Page - Abracon Corporation ASPI-0602S Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ASPI - 0602S
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 : 2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 07.02.14
Visit www.abracon.com for Terms & Conditions of Sale
SMD SHIELDED POWER INDUCTOR
OUTLINE DIMENSION:
6.7 x 6.7 x 3.0mm
Pb RoHS / RoHS II Compliant
Recommended Land Pattern
Dimension: mm
A
B
C
D
E
F
6.7±0.3
6.7±0.3
3.0 max.
2.65
2.00
7.30
Item
mark
product
Temperature rise gradient
3°C /sec (max)
Heating time
Tsoak
50s
∼ 150s
Heating temperature
120°C
∼180°C
Time over 217°C
t1
90 sec
Time within 5°Cof actual
peak temperature
t3
10
∼30 sec
Peak temperature
Tpeak
255 ~ 260 °C
Time 25°Cto peak
Temperature
6 minutes max.
REFLOW PROFILE:



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com