Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-0628 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-0628
Description  LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0628 Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-0628 Datasheet HTML 1Page - Abracon Corporation ASPI-0628 Datasheet HTML 2Page - Abracon Corporation ASPI-0628 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ASPI-0628
ELECTRICAL SPECIFICATIONS:
RoHS
Compliant
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 03.16.12
Visit www.abracon.com for Terms & Conditions of Sale
FEATURES:
APPLICATIONS:
• Mobile phones
• MP3 & 4 and other portable communication equipment
• Digital cameras.
6.0 x 6.0 x 2.8mm
Pb
ABRACON IS
ISO9001:2008
CERTIFIED
OPTIONS AND PART IDENTIFICATION
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
Abracon P/N:
ASPI-0628 Series
Operating Temperature & Humidity:
Storage Temperature & Humidity:
• Small size and low profile: 2.8mm
• Small DCR and high rated current
• High reliability to mechanical stress
• Magnetically shielded by magnetic powder molding
• Suitable for RoHS reflow profile
1. Inductance is measured in HP-4285A Precision LCR Meter.
2. RDC is measured in DU-5011 milli ohm meter.(or equivalent).
3. Isat : Based on inductance change (△L/Lo : ≤ -30%)
4. Irms : Based on temperature rise (△T : 40oC TYP. )
5. Test Freq: 100KHz, 1Vrms
-25˚C to +120˚C (Including self generated heat)
-10˚C to +40˚C, 30% to 70% RH
Part Number
Inductance
Inductance
Tolerance
DCR
DCR
Tolerance
Saturation
Current
Temperature
Rise Current
Units
μH
%
%
A
A
Symbol
L
M, N
DCR
Isat
Irms
ASPI-0628-0R9
0.9
N
13
±30%
6.70
4.60
ASPI-0628-1R5
1.5
N
16
5.10
4.20
ASPI-0628-2R2
2.2
N
20
4.20
3.70
ASPI-0628-3R0
3.0
N
23
3.60
3.40
ASPI-0628-3R3
3.3
M
28
±20%
3.60
3.40
ASPI-0628-3R9
3.9
M
31
2.70
3.00
ASPI-0628-4R7
4.7
M
31
2.70
3.00
ASPI-0628-6R0
6.0
M
40
2.50
2.50
ASPI-0628-6R2
6.2
M
52
2.20
2.20
ASPI-0628-6R8
6.8
M
52
2.20
2.20
ASPI-0628-100
10
M
65
1.90
1.90
ASPI-0628-150
15
M
95
1.60
1.80
ASPI-0628-220
22
M
135
1.30
1.40
ASPI-0628-330
33
M
220
1.10
1.10
ASPI-0628-470
47
M
300
1.00
0.92
ASPI-0628-680
68
M
420
0.80
0.77
ASPI-0628-101
100
M
600
0.65
0.66
ASPI-0628-
-
*N for L = 0.9 ~ 3.0µH
*M for L = 4.7 ~ 100µH
Inductance Code
Please refer to the
Electrical Spec Table
Packaging
T1: Tape and Reel (1kpcs / reel)
Tolerance
N: ±30%*
M: ±20%*


Similar Part No. - ASPI-0628

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0602S ABRACON-ASPI-0602S Datasheet
1Mb / 3P
SMD SHIELDED POWER INDUCTOR
07.02.14
ASPI-0602S-100 ABRACON-ASPI-0602S-100 Datasheet
1Mb / 3P
SMD SHIELDED POWER INDUCTOR
07.02.14
ASPI-0602S-101 ABRACON-ASPI-0602S-101 Datasheet
1Mb / 3P
SMD SHIELDED POWER INDUCTOR
07.02.14
ASPI-0602S-120 ABRACON-ASPI-0602S-120 Datasheet
1Mb / 3P
SMD SHIELDED POWER INDUCTOR
07.02.14
ASPI-0602S-150 ABRACON-ASPI-0602S-150 Datasheet
1Mb / 3P
SMD SHIELDED POWER INDUCTOR
07.02.14
More results

Similar Description - ASPI-0628

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0312FS ABRACON-ASPI-0312FS Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
11.22.11
ASPI-0410FS ABRACON-ASPI-0410FS Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
09.23.13
ASPI-0418FS ABRACON-ASPI-0418FS Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
12.28.12-C
ASPI-0425 ABRACON-ASPI-0425 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
12.20.11
ASPI-0615FS ABRACON-ASPI-0615FS Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
02.04.13
ASPI-0840 ABRACON-ASPI-0840 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
10.04.13
ASPI-2410 ABRACON-ASPI-2410 Datasheet
1Mb / 3P
Low Profile Shielded SMD Chip Power Inductor
10.20.11
ASPI-2510 ABRACON-ASPI-2510 Datasheet
1Mb / 3P
Low Profile Shielded SMD Chip Power Inductor
09.06.11
ASPI-2515 ABRACON-ASPI-2515 Datasheet
1Mb / 3P
Low Profile Shielded SMD Chip Power Inductor
01.31.13
ASPI-5040S ABRACON-ASPI-5040S Datasheet
1Mb / 3P
Low Profile Shielded SMD Chip Power Inductor
01.24.12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com