Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-0630HI Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-0630HI
Description  Molding Type Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0630HI Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-0630HI Datasheet HTML 1Page - Abracon Corporation ASPI-0630HI Datasheet HTML 2Page - Abracon Corporation ASPI-0630HI Datasheet HTML 3Page - Abracon Corporation ASPI-0630HI Datasheet HTML 4Page - Abracon Corporation ASPI-0630HI Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Molding Type Power Inductor
| | | | | | | | | | | | | | |
ASPI-0630HI
APPLICATIONS:
FEATURES:
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 11.17.11
Visit www.abracon.com for Terms & Conditions of Sale
7.2 x 6.65 x 3.0 mm
• High saturation current.
• Low loss due to low DC resistance.
• Frequency application up to 3MHz.
• Low profile with max thickness 3.0mm.
•100% lead free and meeted RoHS standard.
• Suitable for reflow soldering.
• High reliable SMD package
STANDARD SPECIFICATIONS
Abracon P/N:
ASPI-0630HI Series
Operating Temperature & Humidity:
Storage Temperature & Humidity:
-55˚C to +125˚C (Including self generated heat)
+25˚C to +35˚C, 45% to 85% RH
ELECTRICAL CHARACTERISTIC CU
RVES
• DC/DC converters in Notebook, Netbook, desktop and server
• Low profile, high current power supplies.
Test Conditions
Inductance is measured in HP-4285A Precision LCR Meter.
RDC is measured in HP-4338B milli ohm meter.(or equivalent).
Isat: Based on inductance change (△L/Lo : ≤ -20%)
Irms: Based on temperature rise (△T : 40oC TYP. )
Part Number
Inductance
Tolerance
DCR Typ
DCR Max
Saturation
Current
Temperature
Rise Current
Units
μH
%
mΩ
mΩ
A
A
Symbol
L
M
Isat
Irms
ASPI-0630HI-1R0
1.0
M
9.0
10.0
20.5
11.0
ASPI-0630HI-1R5
1.5
M
14.0
15.0
17.0
9.0
ASPI-0630HI-2R2
2.2
M
18.0
20.0
14.0
8.0
ASPI-0630HI-3R3
3.3
M
28.0
30.0
13.5
6.8
ASPI-0630HI-4R7
4.7
M
37.0
40.0
10.0
5.5
ASPI-0630HI-6R8
6.8
M
54.0
60.0
8.0
4.5
ASPI-0630HI-100
10.0
M
102.0
105.0
7.0
3.0
ASPI-0630HI-1R0


Similar Part No. - ASPI-0630HI

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0630LR ABRACON-ASPI-0630LR Datasheet
2Mb / 7P
High saturation current. Low loss due to low DC resistance.
11.17.11
ASPI-0630LR-100 ABRACON-ASPI-0630LR-100 Datasheet
2Mb / 7P
High saturation current. Low loss due to low DC resistance.
11.17.11
ASPI-0630LR-100M-T15 ABRACON-ASPI-0630LR-100M-T15 Datasheet
2Mb / 7P
High saturation current. Low loss due to low DC resistance.
11.17.11
ASPI-0630LR-150 ABRACON-ASPI-0630LR-150 Datasheet
2Mb / 7P
High saturation current. Low loss due to low DC resistance.
11.17.11
ASPI-0630LR-1R0 ABRACON-ASPI-0630LR-1R0 Datasheet
2Mb / 7P
High saturation current. Low loss due to low DC resistance.
11.17.11
More results

Similar Description - ASPI-0630HI

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0520LR ABRACON-ASPI-0520LR Datasheet
1Mb / 4P
Molding Type Power Inductor
11.15.11
ASPI-0530HI ABRACON-ASPI-0530HI Datasheet
1Mb / 3P
Molding Type Power Inductor
11.17.11
ASPI-0530LR ABRACON-ASPI-0530LR Datasheet
1Mb / 4P
Molding Type Power Inductor
11.13.11
ASPI-1040HI ABRACON-ASPI-1040HI Datasheet
1Mb / 4P
Molding Type Power Inductor
11.19.11
logo
Shenzhen Codaca Electro...
CSEB0880 CODACA-CSEB0880 Datasheet
977Kb / 10P
Molding Power Inductor
07/14/2020
CSEB1030 CODACA-CSEB1030 Datasheet
845Kb / 7P
Molding Power Inductor
07/14/2020
CSEB1060 CODACA-CSEB1060 Datasheet
907Kb / 7P
Molding Power Inductor
07/14/2020
CSEB1090 CODACA-CSEB1090 Datasheet
1Mb / 10P
Molding Power Inductor
07/14/2020
CSEB1508 CODACA-CSEB1508 Datasheet
970Kb / 10P
Molding Power Inductor
07/14/2020
CSEB1510 CODACA-CSEB1510 Datasheet
1Mb / 10P
Molding Power Inductor
07/14/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com